Electronic Components Datasheet Search
  English  ▼

X  

SDT20B60VCTFP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDT20B60VCTFP
Description  20A TRENCH SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDT20B60VCTFP Datasheet(HTML) 2 Page - Diodes Incorporated

  SDT20B60VCTFP Datasheet HTML 1Page - Diodes Incorporated SDT20B60VCTFP Datasheet HTML 2Page - Diodes Incorporated SDT20B60VCTFP Datasheet HTML 3Page - Diodes Incorporated SDT20B60VCTFP Datasheet HTML 4Page - Diodes Incorporated SDT20B60VCTFP Datasheet HTML 5Page - Diodes Incorporated SDT20B60VCTFP Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SDT20B60VCT
–SDT20B60VCTFP
Document number: DS41697 Rev. 4 - 2
2 of 6
www.diodes.com
February 2022
© Diodes Incorporated
SDT20B60VCT
–SDT20B60VCTFP
Maximum Ratings (Per Leg) (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
60
V
Average Rectified Output Current per Device
(Per Leg)
(Total)
IO
10
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
140
A
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance (Note 5)
Package = TO220AB (Generic)
Package = ITO220AB
Package = ITO220AB (Type HE)
RθJC
2
4
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (Per Leg) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
—
0.53
0.48
0.60
0.56
V
IF = 10A, TJ = +25°C
IF = 10A, TJ = +125°C
Leakage Current (Note 6)
IR
—
—
8
6
100
30
µA
mA
VR = 60V, TJ = +25°C
VR = 60V, TJ = +125°C
Notes:
5. With 50mm x 50mm x 23mm Al heatsink.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com