Electronic Components Datasheet Search
  English  ▼

X  

CX2425 Datasheet(PDF) 4 Page - COTEK ELECTRONIC IND. CO., LTD

Part # CX2425
Description  Advanced Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

CX2425 Datasheet(HTML) 4 Page - COTEK ELECTRONIC IND. CO., LTD

  CX2425 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD CX2425 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advanced Battery Charger
CX24xx
Failure Indicator:
Failure status
LED Status
Description
Activate
Recovery
Input or
Output
Temperature
Battery Voltage
Red solid
Red fast
Red slow
Voltage is reduced to <1V ,Continued 30
sec., FAN turn on 30 sec then turn off.
AC I/P unstable
Output FUSE blown
Charger over heat (Heat Sink)
Battery over voltage
Battery under voltage or output under
voltage in CC mode.
Output <1V
Voltage difference
>0.5V,>0.1 sec.
>52
<85V,>270V
<-18
>100
>35V
AC Reset,
Output
V
>90V,<264V
AC Reset
<45
>-10
<50
AC Reset ,
<31.4V
<20.4V
>21V
Fan
A
bnormality
Red light
flash twice
Fan abnormality
Charging Status and Indicator:
Charging
status
LED Status
Alternation in the charging Status
Bulk-1
Bulk-2
Absorption-1
Absorption-2
Float
Float to Bulk-1
Orange fast
Orange slow
Orange solid
Green solid
Green flash
LED colour change by the status change
Charging voltage >20.4V and < float voltage
1.Charging voltage > Float voltage and charging
current >= Rating current
2.Charging voltage = CV voltage and charging
current < Rating current
Charging current > 6% of r
(
ating current ±1%)
Charging current < 6% of
(
rating current ±1%)
1.Charging voltage >25.6V
2. The voltage goes up to CV voltage to charge the battery
once every 336 hours
Charging voltage < 25.6V
Note: 1. IBS Sensor is feedback 100% charge to change Status.
Charging Mode Setting (S1):
NO
2
minutes
hours
hours
336 hours
85
minutes
Unlimited
circle
30 sec.
Battery over heat ( the indicator available
when
connected only)
COTEK temperature sensor
Battery in cold condition (the indicator is available
when COTEK temp. sensor is connected)
Default setting
hours
Status
CC turn to CV voltage
Float voltage
REMOTE
Fan force ON / OFF
Power Mode
(Current limit output voltage)
1
2
3
4
12V 24V CC/CV
12V / 24V Float
ON
OFF
X
X
OFF
OFF
ON
ON
X
X
X
X
ON
OFF
OFF
ON
OFF
ON
X
X
OFF
OFF
OFF
OFF
ON
ON
ON
ON
X
X
ON
OFF
X
X
X
X
X
X
X
X
14.4V / 28.8V
14.7V / 29.4V
- - -
- - -
- - -
- - -
- - -
- - -
- - -
- - -
- - -
- - -
13.5V / 27.0V
13.8V / 27.6V
13.2V / 26.4V
13.8V / 27.6V
14.4V / 28.8V
X: Not applicable
---: Not applicable
REV. B3
20/10/20
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com