Electronic Components Datasheet Search
  English  ▼

X  

SL-2000 Datasheet(PDF) 1 Page - COTEK ELECTRONIC IND. CO., LTD

Part # SL-2000
Description  2000W Inverter / Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

SL-2000 Datasheet(HTML) 1 Page - COTEK ELECTRONIC IND. CO., LTD

  SL-2000 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD SL-2000 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000W Inverter / Charger
SL-2000 series
REV. A3
20/11/12
1
The unit is equipped with a self diagnosis microprocessor
that is able to identify and show all failure messages on
the LED/LCD display, with associated visual/audio alarms
Features:
Can use parallel with the grid AC
Battery charger current 100A max. @12VDC
Equalization function for the batteries.
Built in 50A rated bypass switch.
Power sharing functions.
Intelligent software for power management
Hard-wire connection model option.
Loading and temperature controlled cooling fan
Local and remote management and control
RS-232 communication
By a dry contact terminal
Advanced protection features :
DC input over/under voltage protection
Internal over temperature, battery over temperature and heat sink over temperature
Inverter AC output overload protection
Inverter AC output short circuit protection
AC input short circuit protection: Breaker (50Amp)
AC input under / over voltage protection
Electical
SL-2000-112
12 VDC
9 ~ 10.5 VDC
Nominal Voltage
Input Over-Voltage Protection
Stand-By Power Consumption
Input Voltage Range
Max. DC input current
Input Under-Voltage Protection
No Load Power Consumption
Absolute Max. DC Input
LBCO/LBCI (Low Battery Cut Out/In)
Inverter Mode
16.5 ~ 17 VDC
17 VDC±0.3V
9 ~ 17 VDC±0.3V
25W
<5W
25 VDC
9 VDC±0.3V
HBCO/HBCI (High Battery Cut Out/In)
267ADC
<16 msec
AC Relay Transfer Time
Surge Power (real watts)
Frequency
60 Hz ± 0.1
5 sec : 3400
Continuous Output Power
2000 VA
Short-Circuit Protection
Output Waveform
Pure Sine Wave (THD < 5%)
Yes
Output Voltage
Max. Efficiency
>90%
120 VAC ±5% ( Continuous Power)
30 sec : 3200
5 min : 2900
30 min : 2300
Specification Item
Input
Output
Charger Mode
Charger
Equalization
Battery Temperature Compensation 25 mV per °C
80 ~ 140 VAC±5% (120VAC nominal)
5 ~ 50A*
AC Input Voltage Range
AC Input Frequency Range
AC Input Current Range
Charger Efficiency (Peak)
AC Nominal Current
50 ~ 70 Hz
85%
15A
Power Factor Correction(PFC)
>0.97 (50% Load)
Battery Temperature Protection
Charging Current Range
Four-stage charging
By a RJ-11 connector to battery temperature sensor
0 ~ 100A
Bulk, Absorb, Float, Equalize*
16VDC
Max. Output Voltage
Max. Output Current
10A
Bypass Switch
AC 50 Amp
Switch Specification
(Max. each input)
Note
*Setting by remote control


Similar Part No. - SL-2000

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SL-20 COOPER-SL-20 Datasheet
147Kb / 2P
Rejection base plug fuses ??time-delay,
logo
Eaton All Rights Reserv...
SL-20 EATON-SL-20 Datasheet
147Kb / 2P
Rejection base plug fuses ??time-delay, 125 volts, 15-30 amps
More results

Similar Description - SL-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS2012 ETC2-APS2012 Datasheet
516Kb / 6P
PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
APSINT2012 ETC2-APSINT2012 Datasheet
504Kb / 4P
PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
PV2000FC ETC2-PV2000FC Datasheet
515Kb / 5P
PowerVerter짰 Plus 2000W Industrial-Strength Inverter with 2 Outlets
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
2000W Redundant Power Supply
logo
TECHNOLOGY ASSISTANCE B...
NTDM-BC-54 TAB-NTDM-BC-54 Datasheet
1Mb / 2P
2000W BATTERY CHARGER 137V 14.5A
logo
Tripp Lite. All Rights ...
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
logo
Shanghai Leiditech Elec...
2.0SMB LEIDITECH-2.0SMB Datasheet
798Kb / 6P
Surface Mount - 2000W
logo
COTEK ELECTRONIC IND. C...
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com