Electronic Components Datasheet Search
  English  ▼

X  

EWWR Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # EWWR
Description  Axial Lead Wirewound Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

EWWR Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  EWWR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axialleadwirewoundresistors,smallsizeandhighpower
Highstability,encapsulatedwithnon-combustiblepaint
Specifications&Dimensions(mm)
L
l
D
l
d
Introduction
Model
Rated
Power
Dimensions-mm
Resistance
Range
TCR
L
D
d
0.1R-<10K
0.1R-1K
3W
Tolerance
23.5±1.0
15.0±1.0
8.0±1.0
5.5±0.5
0.75±0.05
0.75±0.05
1W
0.1R-510R
±250ppm(T)
EWWR0001
±5%(J)
11.0±1.0
4.5±0.5
0.65±0.05
l
27±2
6W
0.75±0.05
0.75±0.05
8W
0.1R-20K
31.5±1.0
9.0±1.0
10W
0.1R-20K
36.5±1.0
9.0±1.0
EWWR0003
EWWR0006
EWWR0008
EWWR0010
27±2
27±2
27±2
27±2
AmbientTemperature(℃)
122
100
80
58.5
40
20
-55
0
25
70
155
275
Performance
Test
TestLimits
TestMethod
Resistanceto
SolderingHeat
RapidChangeof
Temperature
DampHeat,
SteadyState
LoadLife
TerminalStrength
ShortTimeOverload
ΔR≤±(5%R+0.1Ω)
ΔR≤±(1%R+0.05Ω)
ΔR≤±(5%R+0.1Ω)
ΔR≤±(1%R+0.05Ω)
ΔR≤±(1%R+0.05Ω)
260℃,10s
-55℃/+155℃,5cycles
+40℃,RH93+3%,1000h
Roomtemperature,
ratedpower,1000h
10N
10timesratedpower,5s
±5%(J)
±5%(J)
±5%(J)
±5%(J)
PartNumberInformation
Example:EWWR0008J1K00T9(EWWR8W±5%1KΩ

±250ppm/℃)


E
W
W
R
0
0
0
8
J
1
K
0
0
T
9
Model
EWWR
Resistance
R100=0.1Ω
1R00=1Ω
10R0=10Ω
100R=100Ω
1K00=1KΩ
10K0=10KΩ
20K0=20KΩ
Tolerance
J=±5%
Power
0001=1W
0003=3W
0006=6W
0008=8W
0010=10W
Code
9=Standard
0-8=Custom
TCR
T=±250ppm
Insulation
Voltage
700V
AxialLeadWirewoundResistors
EWWR
Thisseriesofproductsaresmallinsize,wideinresistancerange,highin
reliability,goodinheatresistance,lowinnoise,andlargeinloadpower.
Conventionalresistancevaluesareallavailableinstock,andyoucan
directlypurchasethespotintheResistore.Thestorealsosupportsbulk
orderingoffutures.Visit
tolearnmore.
www.resistor.today
ΔR≤±(1%R+0.05Ω)
No.:
E05005Version:
V0Date:
2021/04/28
C&BElectronicsShenzhenCo.,Ltd|ChangshaResiElectronicsTechnologyCo.,Ltd|
|sales@cbeureka.com|Tel:0755-83981080/83981010
www.resistor.today
100pcs/bulk
100pcs/bulk
50pcs/bulk
50pcs/bulk
50pcs/bulk
Axiallead
Termination
Min.
Packaging*
*Thepackagingofthisseriesisbulk.1Wand3Wcanbepackedintape&reel.Ifnecessary,pleasecontactus.


Similar Description - EWWR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBR52L12601BR ETC1-RBR52L12601BR Datasheet
411Kb / 2P
AXIAL LEAD PRECISION WIREWOUND RESISTORS
logo
IRC - a TT electronics ...
RBR52L12601BR IRCTT-RBR52L12601BR Datasheet
215Kb / 4P
Axial Lead Precision Wirewound Resistors
logo
Vishay Siliconix
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
logo
List of Unclassifed Man...
MC14701 ETC2-MC14701 Datasheet
203Kb / 1P
ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
logo
Vishay Siliconix
CPW VISHAY-CPW Datasheet
99Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
09-Jan-12
Z300 VISHAY-Z300_15 Datasheet
188Kb / 5P
Axial Cemented Wirewound Resistors
24-Feb-14
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
AMW VISHAY-AMW Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
CA VISHAY-CA Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com