Electronic Components Datasheet Search
  English  ▼

X  

MMFR Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # MMFR
Description  Precision Metal Film Molded Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

MMFR Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  MMFR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 4Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 5Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 6Page - C&B ELECTRONICS (SHENZHEN) CO., LTD MMFR Datasheet HTML 7Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Resistance
Tolerance
TCR
Load Life
DataSheet No.: E13010
Version: V0
Date: 2023/04/28
10Ω-1MΩ
±0.05%
±5ppm/℃
±0.05%
Precision Instrumentation
Applications
Better Solution for Sustainable
High End Manufacturing
Precision Metal Film
Molded Resistor
MMFR


Similar Part No. - MMFR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MMFR-26C516E-31-E ATMEL-MMFR-26C516E-31-E Datasheet
163Kb / 17P
16-Bit Flow-Through EDAC Error Detection And Correction unit
MMFR-29C516E-31SB ATMEL-MMFR-29C516E-31SB Datasheet
94Kb / 16P
16 Bit Flow Through EDAC Error Detection And Correction unit
More results

Similar Description - MMFR

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
Precision Metal Film Resistor Networks
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
precision metal film resistor SIP network
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
Ultra Precision Metal Film Resistor
RC-RC55LFB6K8FA IRCTT-RC-RC55LFB6K8FA Datasheet
225Kb / 3P
Precision Metal Film Resistor
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
precision metal film resistor SIP networks
logo
Riedon Powertron
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
Precision Metal Film Resistor Networks
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com