Electronic Components Datasheet Search
  English  ▼

X  

8019 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8019
Description  Bus Bar Wire, #18 Sol TC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8019 Datasheet(HTML) 1 Page - Belden Inc.

  8019 Datasheet HTML 1Page - Belden Inc. 8019 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8019
Bus Bar Wire, #18 Sol TC
Product Description
Bus Bar Wire, 18AWG (Solid) Tinned Copper, QQ-W-343G
Technical Specifications
Product Overview
Suitable Applications:
bus bar
Construction Details
Conductor
Element
Number of Element Size Stranding
Material
Conductor(s) 1
18
Solid
TC - Tinned Copper
Overall Cable Diameter (Nominal): 0.040 in (1.0 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
6.51 Ohm/1000ft
Mechanical Characteristics
Bend Radius
Stationary Min.
Installation Min.
0.16 in (4.1 mm) 0.16 in (4.1 mm)
Max. Pull Tension:
19.6 lbs (8.89 kg)
Bulk Cable Weight:
6 lbs/1000ft
Standards and Compliance
Sustainability:
CA Prop 65
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
History
Update and Revision:
Revision Number: 0.440 Revision Date: 01-20-2023
Part Numbers
Variants
Item #
Color Putup Type Length
UPC
8019 000100
None
Reel
100 ft
612825194309
8019 0001000 None
Reel
1,000 ft 612825194316


Similar Part No. - 8019

ManufacturerPart #DatasheetDescription
logo
REMA Lipprandt GmbH & C...
80190-00 REMA-80190-00 Datasheet
128Kb / 1P
MonoCon
80190-00 REMA-80190-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
80190-01 REMA-80190-01 Datasheet
128Kb / 1P
MonoCon
80190-01 REMA-80190-01 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
80190-02 REMA-80190-02 Datasheet
128Kb / 1P
MonoCon
More results

Similar Description - 8019

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8011 BELDEN-8011 Datasheet
152Kb / 2P
Bus Bar Wire, #12 Sol TC
05-05-2023
8012 BELDEN-8012 Datasheet
152Kb / 2P
Bus Bar Wire, #14 Sol TC
05-05-2023
8013 BELDEN-8013 Datasheet
152Kb / 2P
Bus Bar Wire, #16 Sol TC
05-05-2023
8018 BELDEN-8018 Datasheet
147Kb / 1P
Bus Bar Wire, #8 AWG Sol Soft Annealed Alum
05-05-2023
8020 BELDEN-8020 Datasheet
149Kb / 2P
Bus Bar Wire, #20 Sol TC
01-20-2023
8021 BELDEN-8021 Datasheet
153Kb / 2P
Bus Bar Wire, #22 Sol TC
01-20-2023
8022 BELDEN-8022 Datasheet
152Kb / 2P
Bus Bar Wire, #24 Sol TC
05-05-2023
8023 BELDEN-8023 Datasheet
152Kb / 2P
Bus Bar Wire, #26 Sol TC
05-05-2023
8024 BELDEN-8024 Datasheet
149Kb / 2P
Bus Bar Wire, #28 Sol TC
01-20-2023
8025 BELDEN-8025 Datasheet
152Kb / 2P
Bus Bar Wire, #30 Sol TC
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com