Electronic Components Datasheet Search
  English  ▼

X  

8022 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8022
Description  Bus Bar Wire, #24 Sol TC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8022 Datasheet(HTML) 1 Page - Belden Inc.

  8022 Datasheet HTML 1Page - Belden Inc. 8022 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8022
Bus Bar Wire, #24 Sol TC
Product Description
Bus Bar Wire, 24AWG (Solid) Tinned Copper, QQ-W-343G
Technical Specifications
Product Overview
Suitable Applications:
bus bar
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
24
Solid
TC - Tinned Copper 1
Conductor Count:
1
Construction and Dimensions
Circular Mil Area (CMA)1:
424
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
25.4 Ohm/1000ft
Mechanical Characteristics
Bulk Cable Weight:
1 lbs/1000ft
Min. Bend Radius/Minor Axis:
0.08 in
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
CA Prop 65:
Yes
MII Order #39 (China RoHS):
Yes
Flammability, LS0H, Toxicity Testing
UL voltage rating:
N/A
Plenum/Non-Plenum
Plenum (Y/N):
No


Similar Part No. - 8022

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8022 GILWAY-8022 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Filtran LTD
8022 FILTRAN-8022 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
Heyco.
8022 HEYCO-8022 Datasheet
179Kb / 1P
Full Thickness Male Blades
logo
Christian Bürkert GmbH ...
8022 BURKERT-8022 Datasheet
825Kb / 14P
Inline flowmeter for continuous measurements
15.12.2023
logo
DB Lectro Inc
8022-1363-AU DBLECTRO-8022-1363-AU Datasheet
67Kb / 1P
808nm 200mW IR Laser Diodes AUTO PACKAGE
More results

Similar Description - 8022

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8011 BELDEN-8011 Datasheet
152Kb / 2P
Bus Bar Wire, #12 Sol TC
05-05-2023
8012 BELDEN-8012 Datasheet
152Kb / 2P
Bus Bar Wire, #14 Sol TC
05-05-2023
8013 BELDEN-8013 Datasheet
152Kb / 2P
Bus Bar Wire, #16 Sol TC
05-05-2023
8018 BELDEN-8018 Datasheet
147Kb / 1P
Bus Bar Wire, #8 AWG Sol Soft Annealed Alum
05-05-2023
8019 BELDEN-8019 Datasheet
149Kb / 2P
Bus Bar Wire, #18 Sol TC
01-20-2023
8020 BELDEN-8020 Datasheet
149Kb / 2P
Bus Bar Wire, #20 Sol TC
01-20-2023
8021 BELDEN-8021 Datasheet
153Kb / 2P
Bus Bar Wire, #22 Sol TC
01-20-2023
8023 BELDEN-8023 Datasheet
152Kb / 2P
Bus Bar Wire, #26 Sol TC
05-05-2023
8024 BELDEN-8024 Datasheet
149Kb / 2P
Bus Bar Wire, #28 Sol TC
01-20-2023
8025 BELDEN-8025 Datasheet
152Kb / 2P
Bus Bar Wire, #30 Sol TC
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com