Electronic Components Datasheet Search
  English  ▼

X  

8049 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8049
Description  Magnet Wire, #18 Sol BC, PUR/NYL Ins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8049 Datasheet(HTML) 1 Page - Belden Inc.

  8049 Datasheet HTML 1Page - Belden Inc. 8049 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8049
Magnet Wire, #18 Sol BC, PUR/NYL Ins
Product Description
Magnet Wire, 18AWG (Solid) Bare Copper, PUR/NYL Insulation, J-W-1177/9 MW 28-C
Technical Specifications
Product Overview
Suitable Applications:
solderable magnet wire
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
18
Solid
BC - Bare Copper 1
Conductor Count:
1
Insulation
Material
Nominal Diameter Nominal Wall Thickness
PUR/Nylon - Polyurethane + Nylon 0.0424 in
0.001 in
Outer Jacket
Max. Diameter
0.0424 mm
Construction and Dimensions
Min Increase in OD:
0.001 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
6.4 Ohm/1000ft
Current
Max. Recommended Current [A]
Single conductor in free air @ 30ºC: 2.3 A
Voltage
Breakdown Voltage
2850 V Minimum (at Room Temperature)
Temperature Range
Non-UL Temp Rating:
130°C
Mechanical Characteristics
Approximate Length:
100 ft
Turns Per Linear Inch:
23.9


Similar Part No. - 8049

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8049 SONARDYNE-8049 Datasheet
87Kb / 2P
Compatt 5 Back Deck Test PDA
logo
List of Unclassifed Man...
8049 ETC2-8049 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Festo Corporation.
8049046 FESTO-8049046 Datasheet
103Kb / 2P
Vacuum generator
6/7/22
8049047 FESTO-8049047 Datasheet
105Kb / 2P
Vacuum generator
6/7/22
8049048 FESTO-8049048 Datasheet
106Kb / 2P
Vacuum generator
6/7/22
More results

Similar Description - 8049

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8050 BELDEN-8050 Datasheet
219Kb / 2P
Magnet Wire, #20 Sol BC, PUR/NYL Ins
05-05-2023
8051 BELDEN-8051 Datasheet
219Kb / 2P
Magnet Wire, #22 Sol BC, PUR/NYL Ins
05-05-2023
8052 BELDEN-8052 Datasheet
219Kb / 2P
Magnet Wire, #24 Sol BC, PUR/NYL Ins
05-05-2023
8053 BELDEN-8053 Datasheet
219Kb / 2P
Magnet Wire, #26 Sol BC, PUR/NYL Ins
05-05-2023
8054 BELDEN-8054 Datasheet
219Kb / 2P
Magnet Wire, #28 Sol BC, PUR/NYL Ins
05-05-2023
8055 BELDEN-8055 Datasheet
219Kb / 2P
Magnet Wire, #30 Sol BC, PUR/NYL Ins
05-05-2023
8056 BELDEN-8056 Datasheet
219Kb / 2P
Magnet Wire, #32 Sol BC, PUR/NYL Ins
05-05-2023
8057 BELDEN-8057 Datasheet
219Kb / 2P
Magnet Wire, #34 Sol BC, PUR/NYL Ins
05-05-2023
8058 BELDEN-8058 Datasheet
219Kb / 2P
Magnet Wire, #36 Sol BC, PUR/NYL Ins
05-05-2023
8075 BELDEN-8075 Datasheet
231Kb / 2P
Magnet Wire, #18 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com