Electronic Components Datasheet Search
  English  ▼

X  

BYC8-600 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYC8-600
Description  Rectifier diode ultrafast, low switching loss
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC8-600 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYC8-600 Datasheet HTML 1Page - NXP Semiconductors BYC8-600 Datasheet HTML 2Page - NXP Semiconductors BYC8-600 Datasheet HTML 3Page - NXP Semiconductors BYC8-600 Datasheet HTML 4Page - NXP Semiconductors BYC8-600 Datasheet HTML 5Page - NXP Semiconductors BYC8-600 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diode
BYC8-600
ultrafast, low switching loss
Fig.3. Maximum forward dissipation as a function of
average forward current; rectangular current
waveform where I
F(AV) =IF(RMS) x √D.
Fig.4. Typical reverse recovery switching losses in
diode, as a function of rate of change of current dI
F/dt.
Fig.5. Typical switching losses in transistor due to
reverse recovery of diode, as a function of of change
of current dI
F/dt.
Fig.6. Origin of switching losses in transistor due to
diode reverse recovery.
Fig.7. Typical reverse recovery time t
rr, as a function
of rate of change of current dI
F/dt.
Fig.8. Typical peak reverse recovery current, I
rrm as a
function of rate of change of current dI
F/dt.
02468
10
12
0
5
10
15
20
25
D = 1.0
0.5
0.2
0.1
BYC8-600
Rs = 0.05625 Ohms
Vo = 1.4 V
150
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Tmb(max) C
139
128
117
106
95
D =
tp
tp
T
T
t
I
time
ID
Irrm
VD
dIF/dt
ID = IL
losses due to
diode reverse recovery
100
1000
0
0.05
0.1
0.15
0.2
0.25
BYC8-600
Rate of change of current, dIF/dt (A/us)
f = 20 kHz
Diode reverse recovery switching losses, Pdsw (W)
IF = 8 A
Tj = 125 C
VR = 400 V
16 A
12 A
100
1000
10
100
BYC8-600
Rate of change of current, dIF/dt (A/us)
Reverse recovery time, trr (ns)
IF = 5 A
16 A
12 A
8 A
Tj = 125 C
VR = 400 V
100
1000
0
1
2
3
4
5
6
7
8
BYC8-600
Rate of change of current, dIF/dt (A/us)
Transistor losses due to diode reverse recovery, Ptsw (W)
IF = 5 A
12 A
16 A
8 A
f = 20 kHz
Tj = 125 C
VR = 400 V
100
1000
1
10
100
BYC8-600
Rate of change of current, dIF/dt (A/us)
Peak reverse recovery current, Irrm (A)
Tj = 125 C
VR = 400 V
IF = 5 A
16 A
September 1998
3
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com