Electronic Components Datasheet Search
  English  ▼

X  

7204L50JGI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7204L50JGI
Description  CMOS ASYNCHRONOUS FIFO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7204L50JGI Datasheet(HTML) 1 Page - Renesas Technology Corp

  7204L50JGI Datasheet HTML 1Page - Renesas Technology Corp 7204L50JGI Datasheet HTML 2Page - Renesas Technology Corp 7204L50JGI Datasheet HTML 3Page - Renesas Technology Corp 7204L50JGI Datasheet HTML 4Page - Renesas Technology Corp 7204L50JGI Datasheet HTML 5Page - Renesas Technology Corp 7204L50JGI Datasheet HTML 6Page - Renesas Technology Corp 7204L50JGI Datasheet HTML 7Page - Renesas Technology Corp 7204L50JGI Datasheet HTML 8Page - Renesas Technology Corp 7204L50JGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
DSC-2661/19
© 2017 Integrated Device Technology, Inc. All rights reserved. Product subject to change without notice.
NOVEMBER 2017
CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9
8,192 x 9, 16,384 x 9
32,768 x 9 and 65,536 x 9
IDT7203
IDT7204
IDT7205
IDT7206
IDT7207
IDT7208
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
COMMERCIAL,MILITARYANDINDUSTRIALTEMPERATURERANGES
LEAD FINISH (SnPb) ARE IN EOL PROCESS - LAST TIME BUY EXPIRES JUNE 15, 2018
FEATURES:
••••• First-In/First-Out Dual-Port memory
••••• 2,048 x 9 organization (IDT7203)
••••• 4,096 x 9 organization (IDT7204)
••••• 8,192 x 9 organization (IDT7205)
••••• 16,384 x 9 organization (IDT7206)
••••• 32,768 x 9 organization (IDT7207)
••••• 65,636 x 9 organization (IDT7208)
••••• High-speed: 12ns access time
••••• Low power consumption
— Active: 660mW (max.)
— Power-down: 44mW (max.)
••••• Asynchronous and simultaneous read and write
••••• Fully expandable in both word depth and width
••••• 720x family is pin and functionally compatible from 256 x 9 to 64k x 9
••••• Status Flags: Empty, Half-Full, Full
••••• Retransmit capability
••••• High-performance CMOS technology
••••• Military product compliant to MIL-STD-883, Class B
••••• Standard Military Drawing for #5962-88669 (IDT7203), 5962-89567
(IDT7203), and 5962-89568 (IDT7204) are listed on this function
DESCRIPTION:
TheIDT7203/7204/7205/7206/7207/7208aredual-portmemorybuffers
withinternalpointersthatloadandemptydataonafirst-in/first-outbasis. The
deviceusesFullandEmptyflagstopreventdataoverflowandunderflowand
expansionlogictoallowforunlimitedexpansioncapabilityinbothwordsizeand
depth.
DataistoggledinandoutofthedevicethroughtheuseoftheWrite(W)and
Read (R) pins.
The device's 9-bit width provides a bit for a control or parity at the user’s
option. ItalsofeaturesaRetransmit(RT)capabilitythatallowsthereadpointer
to be reset to its initial position when RT is pulsed LOW. A Half-Full Flag is
available in the single device and width expansion modes.
These FIFOs are fabricated using high-speed CMOS technology. They
aredesignedforapplicationsrequiringasynchronousandsimultaneousread/
writesinmultiprocessing,ratebufferingandotherapplications.
MilitarygradeproductismanufacturedincompliancewithMIL-STD-883,
ClassB.
FUNCTIONAL BLOCK DIAGRAM
• Industrial temperature range (–40
°C to +85°C) is available
(plastic packages only)
W
WRITE
CONTROL
READ
CONTROL
R
FLAG
LOGIC
EXPANSION
LOGIC
XI
WRITE
POINTER
RAM ARRAY
2,048 x 9
4,096 x 9
8,192 x 9
16,384 x 9
32,768 x 9
65,536 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA OUTPUTS
EF
FF
XO/HF
RS
FL/RT
0
(D -D8)
0
(Q -Q 8)
2661 drw01
••••• Green parts available, see ordering information


Similar Part No. - 7204L50JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7204L50GGB8 IDT-7204L50GGB8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
7204L50GGI8 IDT-7204L50GGI8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
7204L50P IDT-7204L50P Datasheet
213Kb / 14P
First-In/First-Out Dual-Port memory
7204L50PGB8 IDT-7204L50PGB8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
7204L50PGI8 IDT-7204L50PGI8 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
More results

Similar Description - 7204L50JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com