Electronic Components Datasheet Search
  English  ▼

X  

8076 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8076
Description  Magnet Wire, #20 Sol BC, Polyester/Amide-imide Polymer Ins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8076 Datasheet(HTML) 1 Page - Belden Inc.

  8076 Datasheet HTML 1Page - Belden Inc. 8076 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8076
Magnet Wire, #20 Sol BC, Polyester/Amide-imide Polymer Ins
Product Description
Magnet Wire, 20AWG (Solid) Bare Copper, Polyester/Amide-imide Polymer Insulation, CLASS 200 MW 35-C
Technical Specifications
Product Overview
Suitable Applications:
class 200 magnet wire
Construction Details
Conductor
Element
Number of Element Size Stranding
Material
Conductor(s) 1
20
Solid
BC - Bare Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Polyester 0.002 in (0.051 mm) 0.0351 in (0.892 mm)
Overall Cable Diameter (Nominal): 0.035 in (0.89 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
10.1 Ohm/1000ft
Single conductor in free air @ 30ºC: 1.5 A
Voltage
Breakdown Voltage
5400 V Minimum (at Room Temperature)
Mechanical Characteristics
Temperature
Operating
200°C
Bend Radius
Stationary Min.
Installation Min.
0.14 in (3.6 mm) 0.14 in (3.6 mm)
Max. Pull Tension:
12.4 lbs (5.62 kg)
Bulk Cable Weight:
3.2 lbs/1000ft
Standards and Compliance
Sustainability:
CA Prop 65
Military Compliance:
J-W-1177/14
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)


Similar Part No. - 8076

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8076 NTE-8076 Datasheet
61Kb / 1P
Thermal Cutoff
logo
RAF ELECTRONIC HARDWARE
8076-440-A RAF-8076-440-A Datasheet
117Kb / 1P
ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8076322 FESTO-8076322 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076323 FESTO-8076323 Datasheet
90Kb / 1P
Compact air cylinders
12/2/21
8076324 FESTO-8076324 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
More results

Similar Description - 8076

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8073 BELDEN-8073 Datasheet
231Kb / 2P
Magnet Wire, #14 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8074 BELDEN-8074 Datasheet
231Kb / 2P
Magnet Wire, #16 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8075 BELDEN-8075 Datasheet
231Kb / 2P
Magnet Wire, #18 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8077 BELDEN-8077 Datasheet
231Kb / 2P
Magnet Wire, #22 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8078 BELDEN-8078 Datasheet
232Kb / 2P
Magnet Wire, #24 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8079 BELDEN-8079 Datasheet
231Kb / 2P
Magnet Wire, #26 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8080 BELDEN-8080 Datasheet
232Kb / 2P
Magnet Wire, #28 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8081 BELDEN-8081 Datasheet
231Kb / 2P
Magnet Wire, #30 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8083 BELDEN-8083 Datasheet
232Kb / 2P
Magnet Wire, #34 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8085 BELDEN-8085 Datasheet
232Kb / 2P
Magnet Wire, #38 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com