Electronic Components Datasheet Search
  English  ▼

X  

8079 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8079
Description  Magnet Wire, #26 Sol BC, Polyester/Amide-imide Polymer Ins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8079 Datasheet(HTML) 1 Page - Belden Inc.

  8079 Datasheet HTML 1Page - Belden Inc. 8079 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8079
Magnet Wire, #26 Sol BC, Polyester/Amide-imide Polymer Ins
Product Description
Magnet Wire, 26AWG (Solid) Bare Copper, Polyester/Amide-imide Polymer Insulation, CLASS 200 MW 35-C
Technical Specifications
Product Overview
Suitable Applications:
class 200 magnet wire
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
26
Solid
BC - Bare Copper 1
Conductor Count:
1
Insulation
Material
Nominal Diameter Nominal Wall Thickness
Polyester 0.0182 in
0.002 in
Outer Jacket
Max. Diameter
0.0182 mm
Construction and Dimensions
Min Increase in OD:
0.002 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
41 Ohm/1000ft
Current
Max. Recommended Current [A]
Single conductor in free air @ 30ºC: 0.36 A
Voltage
Breakdown Voltage
4600 V Minimum (at Room Temperature)
Temperature Range
Non-UL Temp Rating:
200°C
Mechanical Characteristics
Approximate Length:
1260 ft
Turns Per Linear Inch:
55.7


Similar Part No. - 8079

ManufacturerPart #DatasheetDescription
logo
Heyco.
8079 HEYCO-8079 Datasheet
154Kb / 1P
Multi-Connectors for Power Blocks
logo
Festo Corporation.
8079169 FESTO-8079169 Datasheet
71Kb / 1P
Adapter kit
8079170 FESTO-8079170 Datasheet
69Kb / 1P
Adapter kit
8079173 FESTO-8079173 Datasheet
71Kb / 1P
Adapter kit
8079175 FESTO-8079175 Datasheet
71Kb / 1P
Adapter kit
More results

Similar Description - 8079

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8073 BELDEN-8073 Datasheet
231Kb / 2P
Magnet Wire, #14 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8074 BELDEN-8074 Datasheet
231Kb / 2P
Magnet Wire, #16 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8075 BELDEN-8075 Datasheet
231Kb / 2P
Magnet Wire, #18 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8076 BELDEN-8076 Datasheet
228Kb / 2P
Magnet Wire, #20 Sol BC, Polyester/Amide-imide Polymer Ins
01-20-2023
8077 BELDEN-8077 Datasheet
231Kb / 2P
Magnet Wire, #22 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8078 BELDEN-8078 Datasheet
232Kb / 2P
Magnet Wire, #24 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8080 BELDEN-8080 Datasheet
232Kb / 2P
Magnet Wire, #28 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8081 BELDEN-8081 Datasheet
231Kb / 2P
Magnet Wire, #30 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8083 BELDEN-8083 Datasheet
232Kb / 2P
Magnet Wire, #34 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
8085 BELDEN-8085 Datasheet
232Kb / 2P
Magnet Wire, #38 Sol BC, Polyester/Amide-imide Polymer Ins
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com