Electronic Components Datasheet Search
  English  ▼

X  

MAX22200 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX22200
Description  36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22200 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX22200 Datasheet HTML 17Page - Maxim Integrated Products MAX22200 Datasheet HTML 18Page - Maxim Integrated Products MAX22200 Datasheet HTML 19Page - Maxim Integrated Products MAX22200 Datasheet HTML 20Page - Maxim Integrated Products MAX22200 Datasheet HTML 21Page - Maxim Integrated Products MAX22200 Datasheet HTML 22Page - Maxim Integrated Products MAX22200 Datasheet HTML 23Page - Maxim Integrated Products MAX22200 Datasheet HTML 24Page - Maxim Integrated Products MAX22200 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Table 6. TRGnSPI in Half-Bridge Parallel Mode
TRGnSPIy
TRGnSPIx
CONTROL MODE
0
0
Channels controlled by SPI (both ONCHx and ONCHy set logic high)
0
1
Channels controlled by TRIGA
1
0
Channels controlled by TRIGB
1
1
Channels controlled by SPI (both ONCHx and ONCHy set logic high)
Full-Bridge Configuration
It is possible to configure the half-bridges pairs 0–1, 2–3, 4–5, and 6–7 to make full-bridges and drive latched (bistable)
solenoid valves or even brushed-bipolar DC motors. One pair x–y is declared as a full-bridge by setting bits CMxy_[1:0]
= 10 in the Status Register (refer to the Register Map)
When in Full-Bridge mode, the full-bridge operates in 4 different statuses depending on the content of bits ONCHy and
ONCHx in the Status Register as described in Table 7:
Table 7. Full-Bridge Configuration
(x,y) = (0,1), (2,3), (4,5), (6,7)
ONCHy
ONCHx
OUTx
OUTy
DESCRIPTION
0
0
Hi Z
Hi Z
Hi Z
0
1
VM
VDR/CDR
Y settings
Forward
1
0
VDR/CDR
X settings
VM
Reverse
1
1
GND
GND
Brake
In Table 7, the setting parameters for the control are taken from the configuration register of Channel Y in Forward mode
and from the configuration register of Channel X in Reverse mode. For instance, considering the pair 0–1 in Full-Bridge
mode, when [ONCHy, ONCHx] = [0,1] (forward), the control parameters depend on the content of the Configuration
Register of Channel Y. Vice versa, when [ONCHy, ONCHx] = [1,0] (reverse), then the control depends on the content
of the Configuration Register of Channel X. In this way, it is possible to use different currents levels or timings for latch/
unlatch operations of a latched valve. Notice that the HSnLS bit is ignored for full-bridge operations.
Finally, in Full Bridge Operations, the TRGnSPI bits in the Configuration register enables/disable the drivers as shown in
Table 8:
Table 8. TRGnSPI in Full-Bridge Mode
TRGnSPIy
TRGnSPIx
CONTROL MODE
0
0
Channels controlled by SPI
0
1
Channels controlled by SPI
1
0
Channels controlled by SPI
1
1
Channels controlled by TRIGA/TRIGB
Protection Circuits
The MAX22200 features a full set of protections including undervoltage (UVLO), overcurrent (OCP), and
overtemperature (OVT). The device also features diagnostic functions such as open-load detection (OL), detection of
plunger movement (DPM), "hit current not reached" detection (HHF), and communication error detection (COMF). An
open-drain fault indication pin (FAULT) is provided to signal detected faults out to the controller. Each of the above
mentioned failures (with the exception of the COMF) are by default signaled out to the FAULT pin. Fault indication can
be masked by setting high the corresponding bits into the Status registers (STATUS[15:8]). When a Fault is masked, a
Fault event does not activate the FAULT pin.
MAX22200
36V, 1A Octal Integrated Serial-Controlled
Solenoid and Motor Driver
www.maximintegrated.com
Maxim Integrated | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com