Electronic Components Datasheet Search
  English  ▼

X  

PIMN31 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PIMN31
Description  500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMN31 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PIMN31 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMN31 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PIMN31_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 19 June 2007
2 of 11
NXP Semiconductors
PIMN31
500 mA, 50 V NPN/NPN double RET; R1 = 1 k
Ω, R2 = 10 kΩ
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
GND (emitter) TR1
2
input (base) TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
output (collector) TR1
13
2
4
5
6
65
4
1
23
R2
TR1
TR2
R1
R2
R1
sym063
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PIMN31
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 4.
Marking codes
Type number
Marking code
PIMN31
4E
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
VI
input voltage
positive
-
+12
V
negative
-
−5V
IO
output current
-
500
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
290
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com