Electronic Components Datasheet Search
  English  ▼

X  

PMST3906 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMST3906
Description  40 V, 200 mA PNP switching transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMST3906 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMST3906 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMST3906 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMST3906 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMST3906 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMST3906 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMST3906 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMST3906 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMST3906 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMST3906 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PMST3906_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 29 April 2009
3 of 10
NXP Semiconductors
PMST3906
40 V, 200 mA PNP switching transistor
7.
Characteristics
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
IE = 0 A; VCB = −30 V
-
-
−50
nA
IEBO
emitter-base cut-off
current
IC = 0 A; VEB = −6V
-
-
−50
nA
hFE
DC current gain
VCE = −1V
IC = −0.1 mA
60
-
-
IC = −1mA
80
-
-
IC = −10 mA
100
-
300
IC = −50 mA
60
-
-
IC = −100 mA
30
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −1mA
-
-
−250
mV
IC = −50 mA; IB = −5mA
-
-
−400
mV
VBEsat
base-emitter
saturation voltage
IC = −10 mA; IB = −1mA
-
-
−850
mV
IC = −50 mA; IB = −5mA
-
-
−950
mV
td
delay time
IC = −10 mA;
IBon = −1 mA;
IBoff =1mA
--35
ns
tr
rise time
-
-
35
ns
ton
turn-on time
-
-
70
ns
ts
storage time
-
-
225
ns
tf
fall time
-
-
75
ns
toff
turn-off time
-
-
300
ns
Cc
collector capacitance IE =ie =0A; VCB = −5V;
f=1MHz
-
-
4.5
pF
Ce
emitter capacitance
IC =ic =0A;
VEB = −500 mV;
f=1MHz
--10
pF
fT
transition frequency
IC = −10 mA;
VCE = −20 V;
f = 100 MHz
250
-
-
MHz
NF
noise figure
IC = −100 µA;
VCE = −5 V; RS =1kΩ;
f = 10 Hz to 15.7 kHz
--4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com