Electronic Components Datasheet Search
  English  ▼

X  

PUML1 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUML1
Description  50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUML1 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUML1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUML1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUML1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUML1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUML1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUML1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUML1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUML1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUML1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PUML1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUML1 NXP-PUML1 Datasheet
96Kb / 12P
50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
Rev. 01-14 July 2008
PUML1DG NXP-PUML1DG Datasheet
96Kb / 12P
50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
Rev. 01-14 July 2008
More results

Similar Description - PUML1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601ART NXP-2PD601ART Datasheet
92Kb / 10P
50 V, 100 mA NPN general-purpose transistor
Rev. 01-15 March 2007
PUML1 NXP-PUML1 Datasheet
96Kb / 12P
50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
Rev. 01-14 July 2008
logo
Nexperia B.V. All right...
PDTC143XQA NEXPERIA-PDTC143XQA Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
2PD601ART NEXPERIA-2PD601ART Datasheet
247Kb / 10P
50 V, 100 mA NPN general-purpose transistor
1 January 2023
2PD601ARW-Q NEXPERIA-2PD601ARW-Q Datasheet
225Kb / 11P
50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ARW NEXPERIA-2PD601ARW Datasheet
243Kb / 9P
50 V, 100 mA NPN general purpose transistor
1 October 2022
2PD601ASW-Q NEXPERIA-2PD601ASW-Q Datasheet
226Kb / 11P
50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ASW NEXPERIA-2PD601ASW Datasheet
250Kb / 9P
50 V, 100 mA NPN general purpose transistor
1 October 2022
PDTC143EQC-Q_SER NEXPERIA-PDTC143EQC-Q_SER Datasheet
331Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
2PD601ART-Q NEXPERIA-2PD601ART-Q Datasheet
231Kb / 11P
50 V, 100 mA NPN general-purpose transistor
12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com