Electronic Components Datasheet Search
  English  ▼

X  

PXT4401 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PXT4401
Description  NPN switching transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PXT4401 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PXT4401 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PXT4401 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PXT4401 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PXT4401 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PXT4401 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PXT4401 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PXT4401 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PXT4401 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PXT4401 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2004 Nov 22
8
NXP Semiconductors
Product data sheet
NPN switching transistor
PXT4401
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
DIMENSIONS (mm are the original dimensions)
SOT89
TO-243
SC-62
04-08-03
06-03-16
w M
e1
e
E
HE
B
0
2
4 mm
scale
bp3
bp2
bp1
c
D
Lp
A
Plastic surface-mounted package; collector pad for good heat transfer; 3 leads
SOT89
12
3
UNIT
A
mm
1.6
1.4
0.48
0.35
c
0.44
0.23
D
4.6
4.4
E
2.6
2.4
HE
Lp
4.25
3.75
e
3.0
w
0.13
e1
1.5
1.2
0.8
bp2
bp1
0.53
0.40
bp3
1.8
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com