Electronic Components Datasheet Search
  English  ▼

X  

AD8206 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8206
Description  Single-Supply 42 V System Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206 Datasheet(HTML) 3 Page - Analog Devices

  AD8206 Datasheet HTML 1Page - Analog Devices AD8206 Datasheet HTML 2Page - Analog Devices AD8206 Datasheet HTML 3Page - Analog Devices AD8206 Datasheet HTML 4Page - Analog Devices AD8206 Datasheet HTML 5Page - Analog Devices AD8206 Datasheet HTML 6Page - Analog Devices AD8206 Datasheet HTML 7Page - Analog Devices AD8206 Datasheet HTML 8Page - Analog Devices AD8206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Technical Data
AD8206
Rev. PrA | Page 3 of 12
SPECIFICATIONS
TA = Operating Temperature Range, VS = 5 V, unless otherwise noted.
Table 1.
AD8206 SOIC
AD8206 DIE
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Initial
20
20
V/V
Accuracy
VO ≥ 0.1 V dc, 25°C
±1
±1
%
Accuracy Over Temperature
Specified Temperature Range
±1.2
±1.3
%
Gain vs. Temperature
±30
±30
ppm/°C
VOLTAGE OFFSET
Offset Voltage (RTI)
25°C
±2
±2.5
mV
Over Temperature (RTI)
Specified Temperature Range
±4.5
±6
mV
Offset Drift
15
15
µV/°C
INPUT
Input Impedance
Differential
400
400
kΩ
Common Mode
200
200
kΩ
Input Voltage Range
Common Mode, Continuous
−2
65
−2
65
V
Differential1
250
250
mV
Common-Mode Rejection
25°C, f = DC to 20 kHz2
78
86
78
86
dB
Operating Temperature Range,
f = DC to 20 kHz
2
76
80
76
80
dB
OUTPUT
Output Voltage Range
RL = 25 kΩ
0.05
4.8
0.05
4.8
V
Output Resistance
200
200
Ω
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
50
50
kHz
Slew Rate
0.5
0.5
V/µs
NOISE
0.1 Hz to 10 Hz, RTI
20
20
µV p-p
Spectral Density, 1 kHz, RTI
0.5
0.5
µV/√Hz
OFFSET ADJUSTMENT
Ratiometric Accuracy3
Divider to Supplies
0.497
0.503
0.497
0.503
V/V
Accuracy, RTO
Voltage applied to VREF1 and VREF2
in Parallel
±2
±2
mV/V
Output Offset Adjustment Range
VS = 5 V
0.05
4.8
0.05
4.8
V
VREF Divider Resistor Values
24
32
40
24
32
40
kΩ
POWER SUPPLY
Operating Range
4.5
5.5
4.5
5.5
V
Quiescent Current Over Temperature
VO = 0.1 V dc
2
2
mA
Power Supply Rejection Ratio
70
70
dB
Temperature Range
For Specified Performance
Operating Temperature Range
−40
+125
−40°C
+150
°C
1 Input voltage range = ±125 mV with half-scale offset.
2 Source imbalance < 2 Ω.
3 The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com