Electronic Components Datasheet Search
  English  ▼

X  

CCF02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CCF02
Description  Metal Film Resistors, Industrial Power, Flameproof
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CCF02 Datasheet(HTML) 1 Page - Vishay Siliconix

  CCF02 Datasheet HTML 1Page - Vishay Siliconix CCF02 Datasheet HTML 2Page - Vishay Siliconix CCF02 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 31012
Revision 02-Feb-06
www.vishay.com
84
CCF02 (CCF-2)
Vishay Dale
For Technical Questions, contact ff2bresistors@vishay.com
Metal Film Resistors, Industrial Power, Flameproof
FEATURES
• Small size suitable for 1/2, 1 & 2 watt applications
• High power rating, small size
• Flameproof, high temperature coating meets
EIA RS-325-A
• Excellent high frequency characteristics
• Low noise
• Low voltage coefficient
• Tape and reel packaging for automatic insertion
(52.4 mm inside tape spacing per EIA-296-E)
• Lead (Pb)-free version is RoHS Compliant
GLOBAL
HISTORICAL
POWER
LIMITING
TEMPERATURE
TOLERANCE
RESISTANCE
E-SERIES
MODEL
MODEL
RATING
ELEMENT
COEFFICIENT
RANGE
P70 °C
VOLTAGE MAX.
WV
ppm/
°C%
Ω
CCF02
CCF-2
2.0
350
100
± 1, ± 5
4R99 - 1M
96 for 1 % tolerance
24 for 5 % tolerance
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
UNIT
CCF02
Rated Dissipation at 70 °C
W
2.0
Maximum Working Voltage
V
≤ 350
Insulation Voltage (1 min)
V
eff
> 500
Dielectric Strength
VAC
900
Insulation Resistance
Ω
≥ 1011
Operating Temperature Range
°C
- 65 / + 230
Terminal Strength (pull test)
lb
2
Failure Rate
10-9/h
< 1
Weight (max)
g
0.35
TECHNICAL SPECIFICATIONS
MARKING
- 5 band colorband for ± 1 %
- 4 band colorband for ± 5 %
Element:
Proprietary nickel-chrome film
Solderability:
Satisfactory per MIL-STD-202, Method 208.
Core:
Fire-cleaned high purity ceramic
Termination:
Standard lead material is solder-coated
copper. Solderable and weldable per
MIL-STD-1276, Type C.
MATERIAL SPECIFICATIONS
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE
TEMPERATURE
PACKAGING
SPECIAL
CODE
COEFFICIENT
CCF02
R = Decimal
F = ± 1 %
K = 100 ppm
E36 = Lead Free, T/R (2500 pcs)
Blank=Standard
K = Thousand
J = ± 5 %
R36 = Tin/Lead, T/R (2500 pcs)
(DashNumber)
M = Million
(up to 3 digits)
4R99 = 4.99
Ω
From 1-999
680K = 680 k
Ω
as applicable
1M00 = 1.0 M
Ω
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CCF02301RFKR36 (preferred part numbering format)
CC
F
0
2
3
0
1
R
F
K
R
3
6
Historical Part Number example: CCF-23010F (will continue to be accepted)
CCF-2
3010
F
R36
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
e3


Similar Part No. - CCF02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02470RJKE36 VISHAY-CCF02470RJKE36 Datasheet
69Kb / 5P
Through Hole Resistor Packaging
25-Feb-13
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
More results

Similar Description - CCF02

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
05-Oct-05
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
19-Nov-12
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com