Electronic Components Datasheet Search
  English  ▼

X  

INDT165B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # INDT165B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT165B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button INDT165B Datasheet HTML 5Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 6Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 7Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 8Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 9Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 10Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 11Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 12Page - List of Unclassifed Manufacturers INDT165B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Data Sheet
INDT/R165B
INDT/R330B
Date: 2005-02-18 Revision: 1.1
Page 9 of 41
Signals (D+Clk)
Interface
INDT
INDR
Speed
Direction
Width
[bit]
Bandwidth
[Mbps]
Asynchro-
nous
Synchro-
nous
Samp-
ling
SB0
4+1
4+1
Low speed
Upstream
4
4.125
–X
–
SB2
4+1
4+1
Low speed
Downstream
4
4.26
–X
–
SB1
2+1
2+2
High speed
Upstream
2
111.375
XX
–
SB3
2+2
2+1
High speed
Downstream
2
132
XX
X
SB4
2
2+2
2+1
High speed
Downstream
2
132
XX
X
Table 1.6: Transfer Capabilities Sideband Data Interface Signals
1.3.2 Low-speed Upstream Sideband Data Channel (SB0)
The low-speed upstream sideband data channel consists of one 4 Mbps data channel with a 4-bit parallel interface (or 4
individual 1 Mbps data channels, each consisting of a 1-bit serial interface) and one synchronous clock output (SB0_CLK).
1.3.3 High-speed Upstream Sideband Data Channel (SB1)
The high-speed upstream sideband data channel has a 2-bit wide data interface. Different operating modes can be
selected. The maximum bandwidth is 111 Mbps. This can be used for any generic data link e.g. a low-resolution graphics
channel or a CMOS image sensor.
In asynchronous clocking mode an external clock can be applied into SB1_CLKI of the INDR. The range of the external
acceptable clock frequency is 0 – 55 MHz. In synchronous mode data are read into the INDR using the synchronous clock
frequency of 55 MHz being output at SB1_CLKO. In both cases the transferred data are available at the INDT with a fixed
clock of 55 MHz.
1.3.4 Low-speed Downstream Sideband Data Channel (SB2)
The low-speed downstream sideband data channel consists of one 4 Mbps data channel with a 4-bit parallel interface (or 4
individual 1 Mbps data channels, each consisting of a 1-bit serial interface) and one synchronous clock output (SB2_CLK).
1.3.5 High-speed Downstream Sideband Data Channel (SB3, SB42).
The INDT/R165B (INDT/R330B) features one (two) high-speed downstream sideband data channels, each with a 2-bit
wide data interface. Different operating modes can be selected. The maximum bandwidth is 132 Mbps (2 x 132 Mbps).
In asynchronous clocking mode an external clock can be feed into SB3_CLKI (and SB4_CLKI
2) of the INDT. The range of
the external acceptable clock frequency is 0 – 66 MHz. In synchronous mode data are read into the INDT using the
synchronous clock frequency of 66 MHz being output at SB3_CLKO (and SB4_CLKO
2). In both cases the transferred data
are available at the INDR with a fixed clock of 66 MHz. In sampling mode, the sideband data are sampled with an internal
sampling clock at 66 MHz.
2 Sideband Data Channel 4 (SB4) only available with INDT/R330B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com