Electronic Components Datasheet Search
  English  ▼

X  

BFX30 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFX30
Description  PNP switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFX30 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFX30 Datasheet HTML 1Page - NXP Semiconductors BFX30 Datasheet HTML 2Page - NXP Semiconductors BFX30 Datasheet HTML 3Page - NXP Semiconductors BFX30 Datasheet HTML 4Page - NXP Semiconductors BFX30 Datasheet HTML 5Page - NXP Semiconductors BFX30 Datasheet HTML 6Page - NXP Semiconductors BFX30 Datasheet HTML 7Page - NXP Semiconductors BFX30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Apr 16
4
Philips Semiconductors
Product specification
PNP switching transistor
BFX30
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
ICBO
collector cut-off current
IE = 0; VCB = −65 V
−−−500 nA
IE = 0; VCB = −50 V
−−−50
nA
IE = 0; VCB = −50 V; Tj = 100 °C
−−−2
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−500 nA
IC = 0; VEB = −3V
−−−100 nA
hFE
DC current gain
IC = −1 mA; VCE = −400 mV
40
−−
IC = −10 mA; VCE = −400 mV
50
90
200
IC = −50 mA; VCE = −400 mV
20
−−
IC = −150 mA; VCE = −400 mV
10
−−
VCEsat
collector-emitter saturation voltage IC = −150 mA; IB = −15 µA
−−−400 mV
VBEsat
base-emitter saturation voltage
IC = −30 mA; IB = −1mA
−−−900 mV
IC = −150 mA; IB = −15 mA
−−−1.3
V
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
6
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = −2 V; f = 1 MHz
−
18
−
pF
fT
transition frequency
IC = −50 mA; VCE = −10 V; f = 100 MHz 100
−−
MHz
Switching Times (between 10% and 90% levels); see Fig.2
ton
turn-on time
ICon = −150 mA; IBon = −15 mA;
IBoff =15mA
−−
45
ns
td
delay time
−−
15
ns
tr
rise time
−−
35
ns
toff
turn-off time
−−
300
ns
ts
storage time
−−
250
ns
tf
fall time
−−
50
ns
VCC = −29.5 V; VBB = 3.5 V; Vi = −9.5 V;
T = 500
µs; tp =10 µs; tr =tf ≤ 3 ns.
R1 = 68
Ω; R2 = 325 Ω; R
B = 325 Ω; RC = 160 Ω.
Oscilloscope: input impedance Zi =50 Ω.
Fig.2 Test circuit for switching times.
handbook, full pagewidth
RC
R2
R1
DUT
MGD624
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
Vi
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com