Electronic Components Datasheet Search
  English  ▼

X  

BFX34 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFX34
Description  NPN switching transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFX34 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFX34 Datasheet HTML 1Page - NXP Semiconductors BFX34 Datasheet HTML 2Page - NXP Semiconductors BFX34 Datasheet HTML 3Page - NXP Semiconductors BFX34 Datasheet HTML 4Page - NXP Semiconductors BFX34 Datasheet HTML 5Page - NXP Semiconductors BFX34 Datasheet HTML 6Page - NXP Semiconductors BFX34 Datasheet HTML 7Page - NXP Semiconductors BFX34 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Apr 22
3
Philips Semiconductors
Product specification
NPN switching transistor
BFX34
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
120
V
VCEO
collector-emitter voltage
open base
−
60
V
VEBO
emitter-base voltage
open collector
−
6V
IC
collector current (DC)
−
2A
ICM
peak collector current
−
5A
IBM
peak base current
−
1.5
A
Ptot
total power dissipation
Tcase ≤ 25 °C
−
5W
Tamb ≤ 25 °C
−
0.87
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
200
K/W
Rth j-c
thermal resistance from junction to case
35
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =60V
−−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =4V
−−
10
µA
hFE
DC current gain
IC = 1 A; VCE =2V
−
130
−
IC = 1.5 A; VCE = 0.6 V
−
60
−
IC = 2 A; VCE = 2 V
40
110
150
VCEsat
collector-emitter saturation voltage
IC = 5 A; IB = 0.5 A
−
0.77
1
V
VBEsat
base-emitter saturation voltage
IC = 5 A; IB = 0.5 A
−
1.43
1.8
V
Cc
collector capacitance
IE =ie = 0; VCB =10V;
f = 1 MHz
−
36
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V;
f = 1 MHz
−
440
−
pF
fT
transition frequency
IC = 0.5 A; VCE =5V;
f = 100 MHz
70
100
−
MHz
Switching times (between 10% and 90% levels)
ton
turn-on time
ICon = 5 A; IBon = 0.5 A;
IBoff = − 0.5 A
−
0.2
0.6
µs
toff
turn-off time
−
0.34
1.2
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com