Electronic Components Datasheet Search
  English  ▼

X  

SD2903 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SD2903
Description  HF to 2000 MHz Class AB Common Source - PowerSO-10RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD2903 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SD2903 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD2903 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD2903 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD2903 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD2903 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UHF TV and digital cellular BTS applications
HF to 2000MHz class AB common cource - ceramic packages
Part number
Freq.
[MHz]
Pout
[W]
Gain (typ)
[dB]
VDD
[V]
Class
Eff. (Typ)
[%]
Rth(j-c)
[°C/W]
Package
LDMOS in ceramic packages
Internally matched
M250
M243
M265
M252
HF / SSB, FM / VHF broadband applications
2 to 400MHz class AB common source N channel MOSFETs
Part number
Freq.
[MHz]
Pout
[W]
Gain (typ)
[dB]
VDD
[V]
Class
Eff. (Typ)
[%]
Rth(j-c)
[°C/W]
Package
DMOS
* In development
Low thermal
Available in flangeless version by adding suffix P
SD2900
400
5
13.5
28
AB
45
8
M113
SD2902
400
15
12.5
28
AB
45
3
M113
SD2903
400
30
13
28
AB
45
1.75
M229
SD2904
400
30
9.5
28
AB
45
1.75
M113
SD2918
30
30
18
50
AB
50
1
M113
SD2931
175
150
14
50
AB
55
0.6
M174
SD2931-10
175
150
14
50
AB
55
0.45
M174
SD2932
175
300
15
50
AB
50
0.35
M244
SD2933
30
300
20
50
AB
50
0.27
M177
SD2941-10
175
175
15
50
AB
65
0.45
M174
SD2942
175
350
15
50
AB
60
0.35
M244
SD2943
30
350
22
50
AB
60
0.27
M177
SD3931-10 *
150
150
22
100
AB
45
0.4
M174
SD3932 *
150
300
24
100
AB
50
0.35
M244
SD3933 *
30
300
28
100
AB
60
0.27
M177
SD3934 *
30
750
20
100
AB
75
0.09
HOG PAC
M113
M177
M174
M244
M229
SD57030/-01
945
30
15
28
AB
60
1.75
M243 / M250
SD57045/-01
945
45
15
28
AB
55
1.4
M243 / M250
SD57060/-01
945
60
15
28
AB
60
1.1
M243 / M250
SD56120
860
100
16
28
AB
60
0.5
M246
SD56120M
860
120
16
32
AB
60
0.55
M252
SD57120
960
120
14
28
AB
60
0.55
M252
SD56150
860
150
16
32
AB
60
0.55
M252



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com