Electronic Components Datasheet Search
  English  ▼

X  

SED1562 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SED1562
Description  Low-power operation: 8 umA 1 kHz, 6V LCD
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SED1562 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SED1562 Datasheet HTML 17Page - List of Unclassifed Manufacturers SED1562 Datasheet HTML 18Page - List of Unclassifed Manufacturers SED1562 Datasheet HTML 19Page - List of Unclassifed Manufacturers SED1562 Datasheet HTML 20Page - List of Unclassifed Manufacturers SED1562 Datasheet HTML 21Page - List of Unclassifed Manufacturers SED1562 Datasheet HTML 22Page - List of Unclassifed Manufacturers SED1562 Datasheet HTML 23Page - List of Unclassifed Manufacturers SED1562 Datasheet HTML 24Page - List of Unclassifed Manufacturers SED1562 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
S-MOS Systems, Inc. • 150 River Oaks Parkway • San Jose, CA 95134 • Tel: (408) 922-0200 • Fax: (408) 922-0238
21
174-3.0
Typical current consumption characteristics
•Dynamic current consumption (I), if an external clock and an external power supply are used.
Conditions:
The built-in power supply is off but
the external one is used.
SED1560 ......... V5 = –12.5V
SED1561 ......... V5 = –8.0V
SED1562 ......... V5 = –6.0V
External clock:
SED1560 ......... fCL = 4 kHz
SED1561 ......... fCL = 2 kHz
SED1562 ......... fCL = 1 kHz
Remarks:
*14
Test conditions, unless otherwise specified: VDD = 0V, VSS = –5V
±10%, Ta = –30 to 85°C
Parameter
Symbol
Condition
Min
Typ
Max
Unit Remarks
SED1560
V5 = –12.5V; 3 times amplified
169
340
µA
SED1561
V5 = –8.0V; 3 times amplified
124
250
µA
SED1562
V5 = –6.0V; 2 times amplified
53
110
µA
VSS = –2.7V; 3 times amplified
66
130
µA
V5 = –6.0V
3.0 Electrical Characteristics
3.2
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Applicable
Pin
Input voltage
VSS
–6.0
—
–2.4
V
*12
Amplified output voltage
VOUT
–18.0
—
—
V
VOUT
Voltage regulator
VOUT
–18.0
—
–6.0
V
VOUT
circuit operation voltage
V5 1
Supplied to SED1560
–16.0
—
–6.0
V
V5 2
Supplied to SED1561
–16.0
—
–5.0
V
*13
V5 3
Supplied to SED1562
–16.0
—
–4.5
V
Reference voltage
VREG
Ta = 25
°C
–2.35
–2.5
–2.65
V
If amplified 3 times
Voltage follower
operation voltage
*16
IDD (1)
When dynamic current consumption (I) is displayed; the built-in power supply is on and T1 = T2 = Low.
(continued)
VDD = 0V, VSS = –5
± 10%, Ta = –30 to +85°C unless otherwise noted.
Notes:
* See Notes on page 22.
40
30
20
10
0
–1
–2
–3
–4
–5
–6
–7
IDD (1)
(ISS +I5)
VSS
(V)
(µA)
SED1560
SED1561
SED1562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com