Electronic Components Datasheet Search
  English  ▼

X  

K5V Datasheet(PDF) 5 Page - ITT Industries

Part # K5V
Description  Right Angle Lighted SMT Tact Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K5V Datasheet(HTML) 5 Page - ITT Industries

  K5V Datasheet HTML 1Page - ITT Industries K5V Datasheet HTML 2Page - ITT Industries K5V Datasheet HTML 3Page - ITT Industries K5V Datasheet HTML 4Page - ITT Industries K5V Datasheet HTML 5Page - ITT Industries K5V Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.ittcannon.com
B–34
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
K5V
Panel Mount Lighted Tact Switch
Features
• Gold plated dome contact SPST/SPDT
• Excellent ergonomics
• High bright leds
• Reduced space usage on panel
• 40 N overload
• RoHS compliant
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: Normally Open + Normally Closed
BACKLIGHTING: high bright LED, independent terminals
TERMINALS: Solder terminals with wire holes 1.3 x 0.6mm
1 Tolerances of operating force FA is ± 25%.
Operating force
Operating
Travel (total
FA1 Newtons
life
travel)
Type
(grams)
(operations)
mm(mm)
K5V1CL43P
4.0 (400)
25,000
1.2 (2.4)
Typical Applications
• When backlighting and switch are
required to be a “2 in 1” component
• The dome contact secures a
superior contact reliability in time
• The ergonomics of K5V provides a
long travel, a sharp tactile feel and
an audible click
•
Server, storage, automotive,
network infrastructure, medical
Electrical
POWER MIN/MAX: 0.02VA / 1.0VA
VOLTAGE MIN/MAX: 20mVdc – 32 Vdc
CURRENT MIN/MAX: 0.1mA – 100mA
CONTACT RESISTANCE: <150m
Ω
INSULATION RESISTANCE: >1G
Ω initial, >10M Ωafter damp heat
BOUNCE TIME: <5ms
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C
STORAGE TEMPERATURE: -50˚C to 85˚C
RELATIVE HUMIDITY: 90 to 96% according to NF EN 60068-2-30
PROTECTION: dust protection and flux tight
OVERLOAD: 40N min
Process
SOLDERING: Low wattage soldering iron (25-50 watts max.
Solder time 3 seconds max. No washing.
Materials
LEAD FREE
CONTACTS: Au over Ni
SOLDERING: Au over Ni
HOUSING: Thermoplastic UL94 HB
Packaging
60 pieces per tray
300 pieces per box
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
Actuator
1 without latch
2 with latch (for light pipe extension)
Actuator color/LED color
CL Transparent/No LED
90 Black Actuator/No LED
YE Translucid/Yellow
GN Translucid/Green
RD Translucid/Red
OG Translucid/Orange
BU Translucid/Blue
WH Translucid/White
YG Translucid/Yellow-Green
RG Translucid/Red-Green
Operating Force
4 4.0 N (400 grams)
Contact Material
3 Gold (Au)
Termination
P Panel Mount/Solder lugs
K
5
V
P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com