Electronic Components Datasheet Search
  English  ▼

X  

843071 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 843071
Description  FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

843071 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 843071 Datasheet HTML 7Page - Renesas Technology Corp 843071 Datasheet HTML 8Page - Renesas Technology Corp 843071 Datasheet HTML 9Page - Renesas Technology Corp 843071 Datasheet HTML 10Page - Renesas Technology Corp 843071 Datasheet HTML 11Page - Renesas Technology Corp 843071 Datasheet HTML 12Page - Renesas Technology Corp 843071 Datasheet HTML 13Page - Renesas Technology Corp 843071 Datasheet HTML 14Page - Renesas Technology Corp 843071 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
REVISION C 10/19/15
11
FEMTOCLOCK® CRYSTAL-TO-3.3V, 2.5V LVPECL
CLOCK GENERATOR
843071 DATA SHEET
Termination for 2.5V LVPECL Outputs
Figure 5A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCC –2V. For VCC = 2.5V, the VCC – 2V is very close to ground
level. The R3 in Figure 5B can be eliminated and the termination is
shown in Figure 5C.
Figure 5A. 2.5V LVPECL Driver Termination Example
Figure 5C. 2.5V LVPECL Driver Termination Example
Figure 5B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
2.5V
50
50
R1
250
R3
250
R2
62.5
R4
62.5
+
–
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
50
50
R1
50
R2
50
+
–
2.5V LVPECL Driver
VCCO = 2.5V
2.5V
50
50
R1
50
R2
50
R3
18
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com