Electronic Components Datasheet Search
  English  ▼

X  

AH31 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AH31
Description  High Dynamic Range IF Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH31 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AH31 Datasheet HTML 1Page - WJ Communication. Inc. AH31 Datasheet HTML 2Page - WJ Communication. Inc. AH31 Datasheet HTML 3Page - WJ Communication. Inc. AH31 Datasheet HTML 4Page - WJ Communication. Inc. AH31 Datasheet HTML 5Page - WJ Communication. Inc. AH31 Datasheet HTML 6Page - WJ Communication. Inc. AH31 Datasheet HTML 7Page - WJ Communication. Inc. AH31 Datasheet HTML 8Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
February 2004
AH31
High Dynamic Range IF Amplifier
Product Information
Typical Device Data
S-parameters (Vd = +5 V, Id = 150 mA, unmatched 50
Ω system).
• Measurements are shown for an unmatched packaged device with the data being de-embedded to the device leads.
• The amplifier requires a matching network at the input for proper operation. The amplifier is intrinsically well matched at the output and
ideally should “look” into 50
Ω. Any deviation from this can affect the linearity IP3 performance for the device.
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
S21 and Maximum Stable Gain
10
13
16
19
22
25
10.0
5.0
3.0
4.0
-0.2
-0.4
S11
Swp Max
3GHz
Swp Min
0.05GHz
10.0
5.0
3.0
4.0
-0.2
-0.4
S22
Swp Max
3GHz
Swp Min
0.05GHz
Application Circuit PC Board Layout
Circuit Board Material: .014” FR-4, 4 layers (other layers added for rigidity), .062” total thickness, 1 oz copper
Microstrip line details: width = .024”, spacing = .036”
1 GHz
2 GHz
3 GHz
1 GHz
2 GHz
3 GHz
Maximum Stable Gain
S21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com