Electronic Components Datasheet Search
  English  ▼

X  

87973 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 87973
Description  Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87973 Datasheet(HTML) 1 Page - Renesas Technology Corp

  87973 Datasheet HTML 1Page - Renesas Technology Corp 87973 Datasheet HTML 2Page - Renesas Technology Corp 87973 Datasheet HTML 3Page - Renesas Technology Corp 87973 Datasheet HTML 4Page - Renesas Technology Corp 87973 Datasheet HTML 5Page - Renesas Technology Corp 87973 Datasheet HTML 6Page - Renesas Technology Corp 87973 Datasheet HTML 7Page - Renesas Technology Corp 87973 Datasheet HTML 8Page - Renesas Technology Corp 87973 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Low Skew, 1-to-12 LVCMOS / LVTTL
Clock Multiplier/Zero Delay Buffer
87973
Data Sheet
©2015 Integrated Device Technology, Inc
December 7, 2015
1
PIN ASSIGNMENT
GENERAL DESCRIPTION
The 87973 is a LVCMOS/LVTTL clock generator.
The 87973 has three selectable inputs and provides
fourteen LVCMOS/LVTTL outputs.
The 87973 is a highly flexible device. The three selectable in-
puts (1 differential and 2 single ended inputs) are often used in
systems requiring redundant clock sources. Up to three
different output frequencies can be generated among the three
output banks.
The three output banks and feedback output each have their
own output dividers which allows the device to generate a
multitude of different bank frequency ratios and output-to-input
frequency ratios. In addition, 2 outputs in Bank C (QC2, QC3)
can be selected to be inverting or non-inverting. The output
frequency range is 8.33MHz to125MHz. The input frequency
range is 5MHz to 120MHz.
The 87973 also has a QSYNC output which can by used for
system synchronization purposes. It monitors Bank A and
Bank C outputs and goes low one period prior to coincident
rising edges of Bank A and Bank C clocks. QSYNC then goes
high again when the coincident rising edges of Bank A and
Bank C occur. This feature is used primarily in applications
where Bank A and Bank C are running at different frequencies,
and is particularly useful when they are running at non-integer
multiples of one another.
Example Applications:
1. System Clock generator: Use a 16.66MHz reference
clock to generate eight 33.33MHz copies for PCI and
four 100MHz copies for the CPU or PCI-X.
2. Line Card Multiplier: Multiply differential 62.5MHz from
a back plane to single-ended 125MHz for the line Card
ASICs and Gigabit Ethernet Serdes.
3. Zero Delay buffer for Synchronous memory: Fan out
up to twelve 100MHz copies from a memory controller
reference clock to the memory chips on a memory mod-
ule with zero delay.
FEATURES
• Fully integrated PLL
• Fourteen LVCMOS/LVTTL outputs; twelve clock outputs,
one feedback, one sync
• Selectable LVCMOS/LVTTL or differential CLK, nCLK inputs
• CLK0, CLK1 can accept the following input levels:
LVCMOS or LVTTL
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 8.33MHz to 125MHz
• VCO range: 200MHz to 480MHz
• Output skew: 550ps (maximum)
• Cycle-to-cycle jitter: ±100ps (typical)
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free RoHS compliant package
• Compatible with PowerPC™ and Pentium™ Microprocessors


Similar Part No. - 87973

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87973 IDT-87973 Datasheet
264Kb / 17P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Mult iplier/Zero Delay Buffer
87973DYI-147 IDT-87973DYI-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87973DYI-147LF IDT-87973DYI-147LF Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87973DYI-147LF IDT-87973DYI-147LF Datasheet
467Kb / 20P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87973DYI-147LF RENESAS-87973DYI-147LF Datasheet
663Kb / 21P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
More results

Similar Description - 87973

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 26, 2003
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
87972I RENESAS-87972I Datasheet
384Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com