Electronic Components Datasheet Search
  English  ▼

X  

ADC0804S050 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ADC0804S050
Description  Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC0804S050 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ADC0804S050 Datasheet HTML 4Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 5Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 6Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 7Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 8Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 9Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 10Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 11Page - Renesas Technology Corp ADC0804S050 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ADC0804S030_040_050_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
8 of 18
Integrated Device Technology
ADC0804S030/040/050
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Harmonics (fclk = 40 MHz); see Figure 7 and 8
1H
first harmonic level
fi = 4.43 MHz
-
-
0
dB
2H
second harmonic level
fi = 4.43 MHz
-
75
65
dB
3H
third harmonic level
fi = 4.43 MHz
-
72
65
dB
THD
total harmonic distortion fi = 4.43 MHz
-
65
-
dB
Signal-to-noise ratio; see Figure 7 and 8[7]
S/N
signal-to-noise ratio
full scale;
without harmonics;
fclk = 40 MHz; fi = 4.43 MHz
46
49
-
dB
Effective number of bits[7]
ENOB
effective number of bits ADC0804S030TS (fclk = 30 MHz)
fi = 4.43 MHz
-
7.8
-
bits
fi = 7.5 MHz
-
7.8
-
bits
ADC0804S040TS (fclk = 40 MHz)
fi = 4.43 MHz
-
7.8
-
bits
fi = 7.5 MHz
-
7.8
-
bits
fi = 10 MHz
-
7.8
-
bits
fi = 15 MHz
-
7.4
-
bits
ADC0804S050TS (fclk = 50 MHz)
fi = 4.43 MHz
-
7.8
-
bits
fi = 7.5 MHz
-
7.8
-
bits
fi = 10 MHz
-
7.8
-
bits
fi = 15 MHz
-
7.3
-
bits
Two-tone intermodulation[8]
IM
intermodulation
suppression
fclk = 40 MHz
-
69
-
dB
Bit error rate
BER
bit error rate
fclk = 40 MHz; fi = 4.43 MHz;
VI = 16 LSB at code 512
-
1013
-
times/
samples
Differential gain[9]
Gdif
differential gain
fclk = 40 MHz;
PAL modulated ramp
-
0.8
-
%
Table 6.
Characteristics
VCCA = V3 to V4 = 4.75 V to 5.25 V; VCCD = V11 to V12 and V28 to V27 = 4.75 V to 5.25 V;
VCCO = V13 to V14 = 3.0 V to 5.25 V; AGND and DGND shorted together; Tamb = 0 C to 70 C; typical values measured at
VCCA = VCCD = 5 V and VCCO = 3.3 V, Vi(a)(p-p) = 2.0 V; CL = 15 pF and Tamb = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com