Electronic Components Datasheet Search
  English  ▼

X  

AV9110 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # AV9110
Description  Serially Programmable Frequency Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AV9110 Datasheet(HTML) 3 Page - Renesas Technology Corp

  AV9110 Datasheet HTML 1Page - Renesas Technology Corp AV9110 Datasheet HTML 2Page - Renesas Technology Corp AV9110 Datasheet HTML 3Page - Renesas Technology Corp AV9110 Datasheet HTML 4Page - Renesas Technology Corp AV9110 Datasheet HTML 5Page - Renesas Technology Corp AV9110 Datasheet HTML 6Page - Renesas Technology Corp AV9110 Datasheet HTML 7Page - Renesas Technology Corp AV9110 Datasheet HTML 8Page - Renesas Technology Corp AV9110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
AV9110
Electrical Characteristics
VDD = +5V±10%, TA = 0 – 70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Voltage on I/O pins referenced to GND . . . . . . GND –0.5 V to VDD +0.5 V
Operating Temperature under bias . . . . . . . . . . 0°C to +70°C
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . 0.8 Watts
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
C
I
T
A
T
S
/
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
L
I
V
D
D
V
5
=-
-
8
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
H
I
V
D
D
V
5
=0
.
2-
-
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
I
L
I
V
N
I
V
O
=-
-
5
-A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
I
H
I
V
N
I
D
D
V
=-
-
5
A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
1
V
L
O
I
L
O
a
M
8
=-
-
4
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
V
H
O
I
H
O
a
M
8
=
4
.
2-
-
V
e
m
i
T
e
s
i
R
k
c
o
l
C
t
u
p
n
I
1
I
r
K
L
C
--
0
2s
n
e
m
i
T
l
l
a
F
k
c
o
l
C
t
u
p
n
I
1
I
f
K
L
C
--
0
2s
n
t
n
e
r
r
u
C
y
l
p
p
u
S
I
D
D
d
a
o
l
o
N-
5
2-
A
m
C
I
M
A
N
Y
D
/
C
A
e
g
n
a
r
y
c
n
e
u
q
e
r
f
t
u
p
t
u
O
f
o
8
7
.
0-
0
3
1z
H
M
%
0
8
-
0
2
,
e
m
i
t
e
s
i
R
1
t
r
d
a
o
l
F
p
5
2-
-
3
s
n
%
0
2
-
0
8
,
e
m
i
t
l
l
a
F
1
t
f
d
a
o
l
F
p
5
2-
-
3
s
n
e
l
c
y
c
y
t
u
D
1
%
0
5
@
d
t
d
a
o
l
F
p
5
20
4-
0
6%
a
m
g
i
s
1
,
r
e
t
t
i
J
1
-0
4
±-
s
p
e
t
u
l
o
s
b
a
,
r
e
t
t
i
J
1
-5
2
1
±-
s
p
1
0
-
0
1
1
9
V
A
;
.
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
I
1
f
F
E
R
t
u
p
n
i
l
a
t
s
y
r
C5
8
1
3
.
4
12
3z
H
M
2
0
-
0
1
1
9
V
A
;
.
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
I
1
f
F
E
R
t
u
p
n
i
L
T
T6
.
08
1
3
.
4
12
3z
H
M
y
c
n
e
u
q
e
r
f
K
L
C
S
r
o
A
T
A
D
t
u
p
n
I
1
f
A
T
A
D
--
2
3z
H
M
1
X
/
t
u
p
t
u
O
o
t
t
u
p
t
u
O
,
w
e
k
S
t
w
e
k
s
-0
0
4-
s
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com