Electronic Components Datasheet Search
  English  ▼

X  

ICS8745BI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS8745BI
Description  1:5 Differential-to-LVDS Zero Delay Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8745BI Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS8745BI Datasheet HTML 1Page - Renesas Technology Corp ICS8745BI Datasheet HTML 2Page - Renesas Technology Corp ICS8745BI Datasheet HTML 3Page - Renesas Technology Corp ICS8745BI Datasheet HTML 4Page - Renesas Technology Corp ICS8745BI Datasheet HTML 5Page - Renesas Technology Corp ICS8745BI Datasheet HTML 6Page - Renesas Technology Corp ICS8745BI Datasheet HTML 7Page - Renesas Technology Corp ICS8745BI Datasheet HTML 8Page - Renesas Technology Corp ICS8745BI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DATA SHEET
ICS8745BYI REVISION D JUNE 11, 2009
1
©2009 Integrated Device Technology, Inc.
1:5 Differential-to-LVDS Zero Delay
Clock Generator
ICS8745BI
General Description
The ICS8745BI is a highly versatile 1:5 LVDS Clock
Generator and a member of the HiPerClockS™ family
of High Performance Clock Solutions from IDT. The
ICS8745BI has a fully integrated PLL and can be
configured as zero delay buffer, multiplier or divider,
and has an output frequency range of 31.25MHz to 700MHz. The
Reference Divider, Feedback Divider and Output Divider are each
programmable, thereby allowing for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8. The external
feedback allows the device to achieve “zero delay” between the input
clock and the output clocks. The PLL_SEL pin can be used to
bypass the PLL for system test and debug purposes. In bypass
mode, the reference clock is routed around the PLL and into the
internal output dividers.
Features
• Five differential LVDS outputs designed to meet
or exceed the requirements of ANSI TIA/EIA-644
• Selectable differential clock inputs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Cycle-to-cycle jitter: 30ps (maximum)
• Output skew: 40ps (maximum)
• Static phase offset: 25ps ± 125ps
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
ICS8745BI
32-Lead LQFP 7mm x 7mm x 1.4mm
package body
Top View
Block Diagram
PLL_SEL
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
FB_IN
nFB_IN
SEL0
SEL1
SEL2
SEL3
MR
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
0
1
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
0
1
÷1, ÷2, ÷4, ÷8,
÷16, ÷32, ÷64
Pullup
Pullup
Pulldown
Pullup
Pulldown
Pullup
Pulldown
Pulldown
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pin Assignment
9
10
11 12 13
14 15 16
32
31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
SEL0
SEL1
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
MR
Q3
nQ3
VDDO
Q2
nQ2
GND
Q1
nQ1


Similar Part No. - ICS8745BI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
More results

Similar Description - ICS8745BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
REV. B DECEMBER 2, 2004
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com