Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-12 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9148-12
Description  Frequency Timing Generator for Pentium/ProTM or TransmetaTM EfficeonTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9148-12 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9148-12 Datasheet HTML 1Page - Renesas Technology Corp ICS9148-12 Datasheet HTML 2Page - Renesas Technology Corp ICS9148-12 Datasheet HTML 3Page - Renesas Technology Corp ICS9148-12 Datasheet HTML 4Page - Renesas Technology Corp ICS9148-12 Datasheet HTML 5Page - Renesas Technology Corp ICS9148-12 Datasheet HTML 6Page - Renesas Technology Corp ICS9148-12 Datasheet HTML 7Page - Renesas Technology Corp ICS9148-12 Datasheet HTML 8Page - Renesas Technology Corp ICS9148-12 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
ICS9148-12
0123I—07/18/05
Pin Descriptions
Power Groups
VDD = Supply for PLL core
VDD1 = REF (0:1), X1, X2
VDD2 = PCICLK_F, PCICLK (0:5)
VDD3 = SDRAM (0:5), SDRAM6/CPU_STOP#, SDRAM7/PCI_STOP#
VDD4 = 48/24MHzA, 48/24MHzB
VDDL1 = IOAPIC
VDDL2 = CPUCLK (0:3)
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1
,
2)
1
:
0
(
F
E
RT
U
Ot
u
p
t
u
O
k
c
o
l
c
e
c
n
e
r
e
f
e
R
,
4
2
,
7
1
,
0
1
,
3
3
4
,
7
3
,
1
3
D
N
GR
W
P)
n
o
m
m
o
c
(
d
n
u
o
r
G
41
XN
Ip
a
c
d
a
o
l
l
a
t
s
y
r
c
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
e
c
n
e
r
e
f
e
r
r
o
l
a
t
s
y
r
C
52
XT
U
O
k
c
a
b
d
e
e
f
d
n
a
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
t
u
o
l
a
t
s
y
r
C
1
X
o
t
r
o
t
s
i
s
e
r
6E
D
O
MN
In
o
i
t
c
e
l
e
s
n
o
i
t
c
n
u
f
t
u
p
n
I
5
1
,
72
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
)
5
:
0
(
K
L
C
I
C
P
,
F
_
K
L
C
I
C
P
r
o
f
y
l
p
p
u
S
8F
_
K
L
C
I
C
PT
U
O#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
,
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
6
1
,
4
1
,
3
1
,
2
1
,
1
1
,
9)
5
:
0
(
K
L
C
I
C
PT
U
Os
k
c
o
l
c
I
C
P
8
1#
0
6
/
6
6
L
E
SN
IU
P
C
d
n
a
M
A
R
D
S
r
o
f
z
H
M
6
.
6
6
r
o
z
H
M
0
6
s
t
c
e
l
e
S
9
1A
T
A
D
SN
II2
t
u
p
n
i
a
t
a
d
C
0
2K
L
C
SN
II2
t
u
p
n
i
k
c
o
l
c
C
1
24
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
B
z
H
M
4
2
/
8
4
,
A
z
H
M
4
2
/
8
4
r
o
f
y
l
p
p
u
S
2
2A
z
H
M
4
2
/
8
4T
U
OO
/
I
r
e
p
u
S
r
o
B
S
U
r
o
f
t
u
p
t
u
o
r
e
v
i
r
d
z
H
M
4
2
/
8
4
3
2B
z
H
M
4
2
/
8
4T
U
OO
/
I
r
e
p
u
S
r
o
B
S
U
r
o
f
t
u
p
t
u
o
r
e
v
i
r
d
z
H
M
4
2
/
8
4
5
2D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
e
r
o
c
L
L
P
r
o
f
y
l
p
p
u
S
6
2
7
M
A
R
D
ST
U
O)
d
e
t
c
e
l
e
s
(
z
H
M
6
.
6
6
/
0
6
k
c
o
l
c
M
A
R
D
S
#
P
O
T
S
_
I
C
PN
Iw
o
l
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
)
5
:
0
(
s
u
B
I
C
P
s
t
l
a
H
7
2
6
M
A
R
D
ST
U
O)
d
e
t
c
e
l
e
s
(
z
H
M
6
.
6
6
/
0
6
k
c
o
l
c
M
A
R
D
S
#
P
O
T
S
_
U
P
CN
Iw
o
l
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
s
k
c
o
l
c
U
P
C
s
t
l
a
H
4
3
,
8
23
D
D
VR
W
P
,
#
P
O
T
S
_
U
P
C
/
6
M
A
R
D
S
,
)
5
:
0
(
M
A
R
D
S
r
o
f
y
l
p
p
u
S
V
3
.
3
l
a
n
i
m
o
n
,
#
P
O
T
S
_
I
C
P
/
7
M
A
R
D
S
0
42
L
D
D
VR
W
Pl
a
n
i
m
o
n
V
3
.
3
r
o
5
.
2
r
e
h
t
i
e
,
)
3
:
0
(
K
L
C
U
P
C
r
o
f
y
l
p
p
u
S
8
3
,
9
3
,
1
4
,
2
4)
3
:
0
(
K
L
C
U
P
CT
U
O2
L
D
D
V
y
b
d
e
r
e
w
o
p
,
t
u
p
t
u
o
k
c
o
l
c
K
L
C
U
P
C
9
2
,
0
3
,
2
3
,
3
3
,
5
3
,
6
3)
5
:
0
(
M
A
R
D
ST
U
O)
d
e
t
c
e
l
e
s
(
z
H
M
6
.
6
6
r
o
0
6
t
a
k
c
o
l
c
s
M
A
R
D
S
4
4#
N
W
D
_
R
W
PN
Iw
o
l
e
v
i
t
c
a
,
p
i
h
c
n
w
o
d
s
r
e
w
o
P
5
4C
I
P
A
O
IT
U
O1
L
D
D
V
y
b
d
e
r
e
w
o
p
)
z
H
M
8
1
3
.
4
1
(
,
t
u
p
t
u
o
k
c
o
l
c
C
I
P
A
O
I
6
41
L
D
D
VR
W
Pl
a
n
i
m
o
n
V
3
.
3
r
o
5
.
2
r
e
h
t
i
e
,
C
I
P
A
O
I
r
o
f
y
l
p
p
u
S
7
4#
5
.
2
-
3
.
3
U
P
CN
I
o
t
p
u
ll
u
p
s
a
h
,
n
o
i
t
c
e
l
e
s
h
t
g
n
e
r
t
s
r
e
f
f
u
b
D
D
V
5
.
2
r
o
3
.
3
.
r
o
t
s
i
s
e
r
K
0
3
l
a
n
i
m
o
n
,
D
D
V
8
41
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
2
X
,
1
X
,
)
1
:
0
(
F
E
R
r
o
f
y
l
p
p
u
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com