Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-26 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9148-26
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9148-26 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9148-26 Datasheet HTML 1Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 2Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 3Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 4Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 5Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 6Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 7Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 8Page - Renesas Technology Corp ICS9148-26 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
ICS9148-26
Functionality
VDD1,2,3=3.3V±5%,VDDL1,2=2.5V±5%or3.3±5%,TA=0to70°C
Crystal(X1,X2)=14.31818MHz
Power Management Functionality
Mode Pin - Power Management Input Control
MODE, Pin 7
(Latched Input)
Pin 17
Pin 18
0
CPU_STOP#
(INPUT)
PCI_STOP#
(INPUT)
1
SDRAM11
(OUTPUT)
SDRAM10
(OUTPUT)
FS2
FS1
FS0
CP U
(M H z)
PC IC LK
(M H z)
R EF, IO A P IC
(M H z)
1
1
1
100.2
33.3 (C PU/3)
1 4 . 3 1 8
1
1
0
133.31
33.3 (C PU/4)1
1 4. 318
1
0
1
112.01
37.3 (C PU/3)1
1 4. 318
1
0
0
1 03
34.3 (C PU/3)
1 4. 318
0
1
1
6 6. 8
33.4 (C PU/2)
1 4. 318
0
1
0
8 3. 3
41.65 (C PU/2)
1 4. 318
0
0
1
7 5
37.5 (C PU/2)
1 4 . 3 1 8
0
0
0
50
25 (C PU/2)
1 4. 318
CPU_STOP#
PCI_STOP#
CPUCLK
Outputs
PCICLK
(0:4)
PCICLK_F,
REF,
24/48MHz
and SDRAM
Crystal
OSC
VCO
0
1
Stopped Low
Running
Running
Running
Running
1
1
Running
Running
Running
Running
Running
1
0
Running
Stopped Low
Running
Running
Running
0
0
Stopped Low
Stopped Low
Running
Running
Running
Note1. Performance not guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com