Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-32 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9148-32
Description  Pentium/ProTM System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9148-32 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9148-32 Datasheet HTML 6Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 7Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 8Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 9Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 10Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 11Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 12Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 13Page - Renesas Technology Corp ICS9148-32 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
ICS9148-32
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = VDDL = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
0.1
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
µA
Operating
IDD3.3OP66
CL = 0 pF; Select @ 66MHz
60
170
mA
Supply Current
IDD3.3OP100
CL = 0 pF; Select @ 100MHz
66
170
Power Down
IDD3.3PD
CL = 0 pF; With input address to Vdd or GND
3
650
µA
Supply Current
Input frequency
Fi
VDD = 3.3 V;
14.318
MHz
Input Capacitance
1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
36
45
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq.
3
ms
Settling Time
1
Ts
From 1st crossing to 1% target Freq.
5
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3
ms
Skew
1
TAGP-PCI1
VT = 1.5 V;
13.5
4
ns
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating
IDD2.5OP66
CL = 0 pF; Select @ 66.8 MHz
16
72
mA
Supply Current
IDD2.5OP100
CL = 0 pF; Select @ 100 MHz
23
100
mA
Power Down Supply
Current
IDD2.5PD
CL = 0 pF; With input address to
Vdd or GND
10
100
µA
tCPU-AGP
00.51
ns
tCPU-PCI2
VT = 1.5 V; VTL = 1.25 V
12.64
ns
1
Guaranteed by design, not 100% tested in production.
Skew
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com