Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-60 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9148-60
Description  Pentium/ProTM System Clock Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9148-60 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9148-60 Datasheet HTML 1Page - Renesas Technology Corp ICS9148-60 Datasheet HTML 2Page - Renesas Technology Corp ICS9148-60 Datasheet HTML 3Page - Renesas Technology Corp ICS9148-60 Datasheet HTML 4Page - Renesas Technology Corp ICS9148-60 Datasheet HTML 5Page - Renesas Technology Corp ICS9148-60 Datasheet HTML 6Page - Renesas Technology Corp ICS9148-60 Datasheet HTML 7Page - Renesas Technology Corp ICS9148-60 Datasheet HTML 8Page - Renesas Technology Corp ICS9148-60 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9148-60
Pin Descriptions
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
11
XN
I
p
a
c
d
a
o
l
F
p
3
3
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
N
I
_
L
A
T
X
2
X
m
o
r
f
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
d
n
a
22
XT
U
OF
p
3
3
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
t
u
o
l
a
t
s
y
r
C
T
U
O
_
L
A
T
X
32
D
N
GR
W
Ps
t
u
p
t
u
o
I
C
P
r
o
f
d
n
u
o
r
G
4F
_
K
L
C
I
C
PT
U
Ot
u
p
t
u
o
I
C
P
g
n
i
n
n
u
R
e
e
r
F
1
1
,
0
1
,
8
,
7
,
6
,
5)
5
:
0
(
K
L
C
I
C
PT
U
OV
3
.
3
e
l
b
i
t
a
p
m
o
c
L
T
T
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
9
,
62
D
D
VR
W
PV
3
.
3
y
l
l
a
n
i
m
o
n
,
s
t
u
p
t
u
o
K
L
C
I
C
P
r
o
f
r
e
w
o
P
2
13
D
D
VR
W
Pz
H
M
8
4
r
o
f
r
e
o
P
3
1z
H
M
8
4T
U
Oz
H
M
8
4
@
t
u
p
t
u
o
K
L
C
d
e
x
i
F
4
1z
H
M
8
4
_
4
2T
U
O
f
i
z
H
M
8
4
,
p
u
r
e
w
o
p
t
a
1
=
7
2
n
i
p
f
i
z
H
M
4
2
;
t
u
p
t
u
o
K
L
C
d
e
x
i
F
.
p
u
r
e
w
o
p
t
a
0
=
7
2
n
i
p
5
13
D
N
GR
W
Pz
H
M
8
4
r
o
f
d
n
u
o
r
G
6
1#
6
.
6
6
/
0
0
1
L
E
SN
I
z
H
M
6
.
6
6
r
o
z
H
M
0
0
1
g
n
i
l
b
a
n
e
r
o
f
n
i
p
t
c
e
l
e
S
)
z
H
M
3
.
3
3
s
u
o
n
o
r
h
c
n
y
s
s
y
a
w
l
a
I
C
P
(
z
H
M
6
.
6
6
=
L
,
z
H
M
0
0
1
=
H
7
1K
L
C
SN
II
r
o
f
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
C
8
1A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
t
u
p
n
i
C
9
1D
N
GR
W
P)
1
:
0
(
K
L
C
U
P
C
r
o
f
d
n
u
o
r
G
0
2D
D
VR
W
Pe
r
o
c
L
L
P
r
o
f
r
e
w
o
P
2
2
,
1
2)
0
:
1
(
K
L
C
U
P
CT
U
OV
5
.
2
y
l
l
a
n
i
m
o
n
s
t
u
p
t
u
o
k
c
o
l
c
t
s
o
H
d
n
a
U
P
C
3
2L
D
D
VR
W
PV
5
.
2
y
l
l
a
n
i
m
o
n
,
s
t
u
p
t
u
o
U
P
C
r
o
f
r
e
w
o
P
4
2C
I
P
A
O
IT
U
O.
z
H
M
8
1
3
.
4
1
t
u
p
t
u
o
k
c
o
l
c
C
I
P
A
O
I
5
2L
D
D
VR
W
PC
I
P
A
O
I
r
o
f
r
e
w
o
P
6
21
D
D
VR
W
P.
s
t
u
p
t
u
o
F
E
R
r
o
f
r
e
w
o
P
7
2
0
F
E
RT
U
O.
k
c
o
l
c
z
H
M
8
1
3
.
4
1
#
8
4
L
E
SN
Iz
H
M
8
4
s
i
4
1
n
i
p
,
w
o
l
n
e
h
W
.
p
u
r
e
w
o
p
t
a
t
u
p
n
i
d
e
h
c
t
a
L
/
t
u
p
t
u
O
8
21
D
N
GR
W
P.
2
X
,
1
X
,
s
t
u
p
t
u
o
F
E
R
r
o
f
d
n
u
o
r
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com