Electronic Components Datasheet Search
  English  ▼

X  

ICS9212-13 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS9212-13
Description  Direct Rambus™ Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9212-13 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS9212-13 Datasheet HTML 1Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 2Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 3Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 4Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 5Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 6Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 7Page - Renesas Technology Corp ICS9212-13 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS9212- 13
0272F—08/08/07
General Layout Precautions:
1) Use a ground plane on the top layer of
the PCB in all areas not used by traces.
2) Make all power traces and vias as wide
as possible to lower inductance.
Connections to VDD:
Capacitor Values:
C3 : 100pF ceramic
All unmarked capacitors are 0.01µF ceramic
Recommended Layout



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com