Electronic Components Datasheet Search
  English  ▼

X  

ECG040 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # ECG040
Description  InGaP HBT Gain Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG040 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  ECG040 Datasheet HTML 1Page - WJ Communication. Inc. ECG040 Datasheet HTML 2Page - WJ Communication. Inc. ECG040 Datasheet HTML 3Page - WJ Communication. Inc. ECG040 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 4 April 2006
ECG040
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Recommended Application Circuit
Recommended Component Values
Reference
Frequency (MHz)
Designator
50
500
900
1900
2200
2500
3500
L1
820 nH
220 nH
68 nH
27 nH
22 nH
18 nH
15 nH
C1, C2, C4
.018 µF
1000 pF
100 pF
68 pF
68 pF
56 pF
39 pF
1. The proper values for the components are dependent upon the intended frequency of operation.
2. The following values are contained on the evaluation board to achieve optimal broadband performance:
Ref. Desig.
Value / Type
Size
L1
39 nH wirewound inductor
0603
C1, C2
56 pF chip capacitor
0603
C3
0.018
μF chip capacitor
0603
C4
Do Not Place
R4
16
Ω 1% tolerance
0805
Recommended Bias Resistor Values
Supply
Voltage
R1 value
Size
6 V
17.1 ohms
0805
7 V
31.4 ohms
1210
8 V
46 ohms
1210
9 V
60 ohms
2010
10 V
74 ohms
2010
12 V
103 ohms
2512
The proper value for R1 is dependent upon the supply
voltage and allows for bias stability over temperature.
WJ recommends a minimum supply bias of +6 V. A
1% tolerance resistor is recommended.
Typical Device S-Parameters
S-Parameters (Vdevice = +4.8 V, ICC = 70 mA, T = 25 °C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-23.31
-179.51
16.19
177.81
-19.40
-0.03
-36.95
-170.80
500
-23.69
170.90
16.04
158.74
-19.30
-5.83
-27.31
-130.75
1000
-23.45
162.60
15.79
138.37
-19.12
-12.26
-21.40
-141.51
1500
-22.70
156.61
15.50
118.53
-19.03
-19.16
-18.24
-153.77
2000
-22.13
148.64
15.16
99.02
-18.71
-26.80
-16.09
-175.02
2500
-19.60
139.22
14.76
79.46
-18.36
-32.98
-14.17
167.68
3000
-19.24
121.52
14.31
61.06
-18.13
-41.04
-12.61
152.88
3500
-16.99
115.00
13.86
41.97
-17.78
-51.05
-11.16
130.54
4000
-15.40
97.66
13.33
23.55
-17.23
-58.84
-10.31
115.55
4500
-13.81
84.99
12.88
4.82
-16.82
-68.93
-9.04
97.41
5000
-11.78
64.76
12.19
-13.55
-16.84
-79.74
-7.54
76.41
5500
-11.08
52.37
11.70
-30.90
-16.58
-89.82
-7.37
64.41
6000
-9.31
35.87
10.98
-50.95
-16.15
-102.41
-6.42
46.46
Device S-parameters are available for download off of the website at: http://www.wj.com
C1
Blocking
Capacitor
RF OUT
L1
RF Choke
C3
0.018 µF
R4
Bias
Resistor
RF IN
C4
Bypass
Capacitor
C2
Blocking
Capacitor
Vcc
Icc = 70 mA
ECG040



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com