Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-39 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9248-39
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-39 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9248-39 Datasheet HTML 1Page - Renesas Technology Corp ICS9248-39 Datasheet HTML 2Page - Renesas Technology Corp ICS9248-39 Datasheet HTML 3Page - Renesas Technology Corp ICS9248-39 Datasheet HTML 4Page - Renesas Technology Corp ICS9248-39 Datasheet HTML 5Page - Renesas Technology Corp ICS9248-39 Datasheet HTML 6Page - Renesas Technology Corp ICS9248-39 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-39 Datasheet HTML 8Page - Renesas Technology Corp ICS9248-39 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
0277G—08/04/04
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use
10Kohm resistor to program logic Hi to VDD or GND for logic low.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
11
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
y
l
p
p
u
s
r
e
w
o
p
L
A
T
X
,
)
2
:
0
(
f
e
R
2
0
F
E
RT
U
O
e
h
t
s
i
t
u
p
t
u
o
F
E
R
s
i
h
T
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
h
M
8
1
3
.
4
1
s
d
a
o
l
S
U
B
A
S
I
r
o
f
r
e
f
f
u
b
R
E
G
N
O
R
T
S
#
P
O
T
S
_
I
C
P
1
N
I
n
I
(
w
o
l
t
u
p
n
i
n
e
h
w
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
)
4
:
0
(
K
L
C
I
C
P
s
t
l
a
H
)
0
=
E
D
O
M
,
e
d
o
m
e
li
b
o
m
,
2
2
,
6
1
,
9
,
3
5
4
,
9
3
,
3
3
D
N
GR
W
Pd
n
u
o
r
G
41
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
6
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
52
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
6
3
(
p
a
c
4
1
,
62
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
)
4
:
0
(
K
L
C
I
C
P
d
n
a
F
_
K
L
C
I
C
P
r
o
f
y
l
p
p
u
S
7
F
_
K
L
C
I
C
PT
U
O
r
e
w
o
p
r
o
f
#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
.
t
n
e
m
e
g
a
n
a
m
E
D
O
M
2
,
1
N
I
.
e
d
o
M
e
li
b
o
M
=
0
,
e
d
o
M
p
o
t
k
s
e
D
=
1
,
n
i
p
t
c
e
l
e
s
n
o
i
t
c
n
u
f
2
n
i
P
.
t
u
p
n
I
d
e
h
c
t
a
L
8
3
S
FN
ID
N
G
o
t
n
w
o
d
-
ll
u
P
l
a
n
r
e
t
n
I
.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
0
K
L
C
I
C
PT
U
O
s
n
8
4
-
1
h
t
i
w
s
k
c
o
l
c
U
P
C
o
t
s
u
o
n
o
r
e
h
c
n
y
S
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
)
y
l
r
a
e
U
P
C
(
w
e
k
s
3
1
,
2
1
,
1
1
,
0
1)
4
:
1
(
K
L
C
I
C
PT
U
O
s
n
8
4
-
1
h
t
i
w
s
k
c
o
l
c
U
P
C
o
t
s
u
o
n
o
r
e
h
c
n
y
S
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
)
y
l
r
a
e
U
P
C
(
w
e
k
s
5
1N
I
R
E
F
F
U
BN
I.
s
t
u
p
t
u
o
M
A
R
D
S
r
o
f
s
r
e
f
f
u
B
t
u
o
n
a
F
o
t
t
u
p
n
I
,
1
2
,
0
2
,
8
1
,
7
1
,
2
3
,
1
3
,
9
2
,
8
2
8
3
,
7
3
,
5
3
,
4
3
)
0
:
1
1
(
M
A
R
D
ST
U
O
N
I
R
E
F
F
U
B
m
o
r
f
s
t
u
p
t
u
o
r
e
f
f
u
B
t
u
o
n
a
F
,
s
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
.
)
t
e
s
p
i
h
c
y
b
d
e
ll
o
r
t
n
o
c
(
n
i
p
6
3
,
0
3
,
9
13
D
D
VR
W
P.
V
3
.
3
l
a
n
i
m
o
n
,
e
r
o
C
L
L
P
U
P
C
d
n
a
)
2
1
:
0
(
M
A
R
D
S
r
o
f
y
l
p
p
u
S
3
2A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
l
a
i
r
e
s
C
4
2K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
C
5
2
z
H
M
4
2T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
4
2
1
S
F
2
,
1
N
I.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
6
2
z
H
M
8
4T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
0
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
7
24
D
D
VR
W
P.
e
r
o
c
L
L
P
d
e
x
i
f
d
n
a
s
r
e
f
f
u
b
t
u
p
t
u
o
z
H
M
8
4
&
4
2
r
o
f
r
e
w
o
P
0
4F
_
M
A
R
D
ST
U
O
y
b
d
e
t
c
e
f
f
a
t
o
N
.
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
g
n
i
n
n
u
r
e
e
r
F
#
P
O
T
S
_
U
P
C
1
4#
P
O
T
S
_
U
P
CN
I
M
A
R
D
S
&
C
I
P
A
O
I
,
1
K
L
C
U
P
C
s
t
l
a
h
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
a
s
i
h
T
.
w
o
l
n
e
v
i
r
d
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
)
1
1
:
0
(
2
42
L
D
D
VR
W
Pl
a
n
i
m
o
n
V
3
.
3
r
o
V
5
.
2
r
e
h
t
i
e
,
s
k
c
o
l
c
U
P
C
r
o
f
y
l
p
p
u
S
3
41
K
L
C
U
P
CT
U
O
f
i
w
o
L
.
2
L
D
D
V
y
b
d
e
r
e
w
o
p
,
s
t
u
p
t
u
o
k
c
o
l
c
U
P
C
w
o
L
=
#
P
O
T
S
_
U
P
C
4
4F
_
K
L
C
U
P
CT
U
O#
P
O
T
S
_
U
P
C
e
h
t
y
b
d
e
t
c
e
f
f
a
t
o
N
.
k
c
o
l
c
U
P
C
g
n
i
n
n
u
r
e
e
r
F
6
4
1
F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
2
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
7
4C
I
P
A
O
IT
U
OC
I
P
A
O
I.
1
L
D
D
V
y
b
d
e
r
e
w
o
P
z
H
M
8
1
3
.
4
1
.
t
u
p
t
u
o
k
c
o
l
c
8
41
L
D
D
VR
W
Pl
a
n
i
m
o
n
V
3
.
3
r
o
5
.
2
r
e
h
t
i
e
,
C
I
P
A
O
I
r
o
f
y
l
p
p
u
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com