Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-80 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9248-80
Description  General Purpose 133MHz System Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-80 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9248-80 Datasheet HTML 1Page - Renesas Technology Corp ICS9248-80 Datasheet HTML 2Page - Renesas Technology Corp ICS9248-80 Datasheet HTML 3Page - Renesas Technology Corp ICS9248-80 Datasheet HTML 4Page - Renesas Technology Corp ICS9248-80 Datasheet HTML 5Page - Renesas Technology Corp ICS9248-80 Datasheet HTML 6Page - Renesas Technology Corp ICS9248-80 Datasheet HTML 7Page - Renesas Technology Corp ICS9248-80 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9248- 80
Pin Descriptions
Pin number
Pin name
Type
Description
1
REF
OUT
14.318MHz reference clock outputs at 3.3V
2
GNDREF
PWR
Gnd pin for REF clocks
3
X1
IN
XTAL_IN 14.318MHz crystal input
4
X2
OUT
XTAL_OUT Crystal output
5
VDD
PWR
3.3V power input
6, 7, 14, 27
FS (0:3)
IN
Logic - input for frequency selection
8, 11
GND
PWR
Ground
9, 18, 24
VDDO
PWR
3.3V power for CLK outputs
10
CLK_STOP#
IN
Stops all clock outputs
12
SDATA
IN
Data input for I
2
C serial input.
13
SCLK
IN
Clock input of I
2
C input
15, 21
GNDO
PWR
Ground for CLK outputs
16, 17, 19, 20,
22, 23, 25, 26
CLK (0:7)
OUT
Clock outputs up to 133.34MHz
28
VDDREF
PWR
Power pin for REF clocks
3
S
F2
S
F1
S
F0
S
F
K
L
C
)
z
H
M
(
0000
4
3
.
3
3
1
000
1
1
0
.
5
2
1
00
1
0
0
0
.
0
2
1
00
11
9
9
.
4
1
1
01
0
0
9
9
.
9
0
1
01
01
0
0
.
5
0
1
01
1
0
0
0
.
0
0
1
0
111
0
0
.
5
9
1
000
0
0
.
0
9
10
0
1
1
0
.
5
8
10
10
0
0
.
5
7
10
1
1
0
0
.
0
7
11
00
7
6
.
6
6
11
0
1
0
0
.
0
6
111
0
9
9
.
4
5
1111
3
3
.
3
3
Frequency Selection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com