Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-95 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS9248-95
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9248-95 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS9248-95 Datasheet HTML 9Page - Renesas Technology Corp ICS9248-95 Datasheet HTML 10Page - Renesas Technology Corp ICS9248-95 Datasheet HTML 11Page - Renesas Technology Corp ICS9248-95 Datasheet HTML 12Page - Renesas Technology Corp ICS9248-95 Datasheet HTML 13Page - Renesas Technology Corp ICS9248-95 Datasheet HTML 14Page - Renesas Technology Corp ICS9248-95 Datasheet HTML 15Page - Renesas Technology Corp ICS9248-95 Datasheet HTML 16Page - Renesas Technology Corp ICS9248-95 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
ICS9248-95
310D—04/12/05
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
23
55
Ω
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
20
55
Ω
Output High Voltage
VOH1
IOH = -18 mA
2.4
2.9
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-58
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
52
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1.5
2.0
nS
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1.4
2.0
nS
Duty Cycle
dt1
1
VT = 1.5 V
45.0
50.0
55.0
%
Skew Window
tsk1
1
VT = 1.5 V
80
500
pS
Jitter
tj1s1
1
VT = 1.5 V
50
150
pS
tjabs1
1
VT = 1.5 V
200
500
pS
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD =VDDL 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP2A
1
VO = VDD*(0.5)
10
20
Ω
Output Impedance
RDSN2A
1
VO = VDD*(0.5)
10
20
Ω
Output High Voltage
VOH2A
IOH = -28 mA
2.4
2.8
V
Output Low Voltage
VOL2A
IOL = 19 mA
0.3
0.4
V
Output High Current
IOH2A
VOH = 2.0 V
-72
-42
mA
Output Low Current
IOL2A
VOL = 0.8 V
33
50
mA
Rise Time
tr2A
1
VOL = 0.4 V, VOH = 2.4 V
0.5
2.0
nS
Fall Time
tf2A
1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
nS
Duty Cycle
dt2A
1
VT = 1.5 V
45
50
55
%
Skew Window ( output to output )
tsk2A
1
VT = 1.5 V
200
250
pS
Skew ( Bufferin to output )
tsk2A
1
VT = 1.5 V
5nS
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com