Electronic Components Datasheet Search
  English  ▼

X  

ECP050D Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ECP050D
Description  1/2 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP050D Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ECP050D Datasheet HTML 1Page - WJ Communication. Inc. ECP050D Datasheet HTML 2Page - WJ Communication. Inc. ECP050D Datasheet HTML 3Page - WJ Communication. Inc. ECP050D Datasheet HTML 4Page - WJ Communication. Inc. ECP050D Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 1 of 5
April 2006
ECP050D
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
Product Features
x 1800 – 2300 MHz
x +28.5 dBm P1dB
x +44 dBm Output IP3
x 14 dB Gain @ 1960 MHz
x +5V Single Positive Supply
x 16-pin 4x4mm lead-free/green/
RoHS-compliant QFN Package
Applications
x Final stage amplifiers for Repeaters
x Mobile Infrastructure
Product Description
The ECP050D is a high dynamic range driver amplifier
in a low-cost surface mount package. The InGaP/GaAs
HBT is able to achieve high performance for various
narrowband-tuned application circuits with up to +44
dBm OIP3 and +28.5 dBm of compressed 1dB power. It
is housed in an industry standard in a lead-free/
green/RoHS-compliant 16-pin 4x4mm QFN surface-
mount package. All devices are 100% RF and DC tested.
The ECP050D is targeted for use as a driver amplifier in
wireless infrastructure where high linearity and medium
power is required. An internal active bias allows the
ECP050D to maintain high linearity over temperature and
operate directly off a single +5V supply.
This
combination makes the device an excellent candidate for
transceiver line cards in current and next generation
multi-carrier 3G base stations.
Functional Diagram
Function
Pin No.
Vref
1
RF Input
3
RF Output
10, 11
Vbias
16
GND
Backside Paddle
N/C or GND
2, 4-9, 12-15
Specifications (1)
Parameters
Units Min
Typ
Max
Operational Bandwidth
MHz
1800
2300
Test Frequency
MHz
2140
Gain
dB
12.5
14.4
Input Return Loss
dB
23
Output Return Loss
dB
8
Output P1dB
dBm
+26.5
+28.5
Output IP3 (2)
dBm
+41
+42
IS-95A Channel Power
@ -45 dBc ACPR, 1960 MHz
dBm
+22.5
wCDMA Channel Power
@ -45 dBc ACLR, 2140 MHz
dBm
+20
Noise Figure
dB
5.3
Operating Current Range (3)
mA
200
250
300
Device Voltage
V
+5
1. Test conditions unless otherwise noted. 25 ºC, Vsupply = +5 V in tuned application circuit.
2. 3OIP measured with two tones at an output power of +11 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. This corresponds to the quiescent current or operating current under small-signal conditions. It is
expected that the current can increase up to 300mA at P1dB.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-65 to +150
qC
RF Input Power (continuous)
+22 dBm
Device Voltage
+8 V
Device Current
400 mA
Device Power
2 W
Junction Temperature
+250
qC
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (4)
Parameters
Units
Typical
Frequency
MHz
1960
2140
Gain
dB
14.3
14.4
S11
dB
-12
-23
S22
dB
-8
-8
Output P1dB
dBm
+28.3
+28.5
Output IP3 (2)
dBm
+44
+42
IS-95A Channel Power
@ -45 dBc ACPR,
dBm
+22.5
wCDMA Channel Power
@ -45 dBc ACLR
dBm
+20
Noise Figure
dB
5
5.3
Supply Bias
+5 V @ 250 mA
4. Typical parameters reflect performance in a tuned application circuit at +25 C.
Ordering Information
Part No.
Description
ECP050D-G
½ Watt, High Linearity InGaP HBT Amplifier
(lead-free/green/RoHS-compliant 16-pin 4x4mm QFN package)
ECP050D-PCB1960
1960 MHz Evaluation Board
ECP050D-PCB2140
2140 MHz Evaluation Board
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
N/C
RF OUT
RF OUT
N/C
Vref
N/C
RF IN
N/C


Similar Part No. - ECP050D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECP050G ETC-ECP050G Datasheet
577Kb / 7P
1/2 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECP050D

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
1 Watt, High Linearity InGaP HBT Amplifier
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
2 Watt, High Linearity InGaP HBT Amplifier
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
2 Watt, High Linearity InGaP HBT Amplifier
AH312 WJCI-AH312 Datasheet
356Kb / 7P
2 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com