Electronic Components Datasheet Search
  English  ▼

X  

ECP100D Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ECP100D
Description  1 Watt, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP100D Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ECP100D Datasheet HTML 1Page - WJ Communication. Inc. ECP100D Datasheet HTML 2Page - WJ Communication. Inc. ECP100D Datasheet HTML 3Page - WJ Communication. Inc. ECP100D Datasheet HTML 4Page - WJ Communication. Inc. ECP100D Datasheet HTML 5Page - WJ Communication. Inc. ECP100D Datasheet HTML 6Page - WJ Communication. Inc. ECP100D Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 2 of 7
April 2006
ECP100D
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
Typical Device Data – ECP100D (QFN 4x4mm Package)
S-Parameters (Vcc = +5 V, Icc = 450 mA, T = 25 C, calibrated to device leads)
50
550
1050
1550
2050
2500
Frequency (MHz)
Gain / Maximum Stable Gain
0
5
10
15
20
25
30
35
40
DB(|S(2,1)|)
DB(GMax())
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S11
Swp Max
4000MHz
Swp Min
50MHz
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S22
Swp Max
4000MHz
Swp Min
50MHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency,
it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line.
The impedance loss plots are shown from 0.05, 0.1 and 0.2 – 4.0 GHz, with markers placed in 0.2 GHz increments.
S-Parameters (Vcc = +5 V, Icc = 450 mA, T = 25 C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-1.35
-176.77
24.16
120.86
-39.11
18.98
-0.87
-131.71
100
-1.11
179.08
19.50
115.85
-38.95
8.44
-1.00
-154.54
200
-1.09
174.88
15.39
113.56
-39.17
8.30
-1.02
-167.00
400
-1.24
167.79
11.91
103.30
-39.00
-4.09
-0.72
-173.95
600
-1.36
159.88
9.93
92.23
-37.15
-12.20
-0.75
-177.40
800
-1.51
152.29
8.39
81.19
-38.07
-10.64
-0.87
-178.56
1000
-1.88
144.07
7.37
70.82
-38.22
-7.28
-1.00
179.90
1200
-2.45
135.03
6.77
59.35
-36.33
-22.70
-1.02
177.51
1400
-3.52
124.13
6.49
45.92
-35.42
-38.76
-1.07
176.63
1600
-5.37
110.92
6.54
30.31
-34.81
-55.67
-1.15
174.49
1800
-9.94
96.35
6.46
9.32
-33.63
-73.80
-1.01
171.25
2000
-26.16
134.17
6.08
-13.70
-33.50
-93.59
-1.00
169.44
2200
-10.08
-149.55
4.75
-39.92
-35.80
-116.52
-0.92
165.85
2400
-4.89
-169.19
2.58
-63.31
-36.84
-156.32
-0.88
161.06
2600
-2.68
172.75
0.02
-82.87
-37.99
-159.31
-1.01
157.31
2800
-1.73
158.17
-2.72
-98.11
-40.80
148.39
-0.96
151.44
3000
-1.22
144.56
-5.32
-111.57
-43.97
152.56
-1.08
148.03
Application Circuit PC Board Layout
Circuit Board Material: Top RF layer is .014” Getek, 4 total layers (0.062” thick) for mechanical rigidity
1 oz copper, Microstrip line details: width = .026”, spacing = .026”
The silk screen markers ‘A’, ‘B’, ‘C’, etc. and ‘1’, ‘2’, ‘3’, etc. are used as placemarkers for the input and
output tuning shunt capacitors – C8, C9 and C10. The markers and vias are spaced in .050” increments.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com