Electronic Components Datasheet Search
  English  ▼

X  

VG112 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # VG112
Description  PCS/UMTS-band Variable Gain Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG112 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  VG112 Datasheet HTML 1Page - WJ Communication. Inc. VG112 Datasheet HTML 2Page - WJ Communication. Inc. VG112 Datasheet HTML 3Page - WJ Communication. Inc. VG112 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 4
May 2006
VG112
PCS/UMTS-band Variable Gain Amplifier
Product Information
The Communications Edge
TM
VG112-G Mechanical Information
This package is lead-free/green/RoHS-compliant. The plating material on the pins is annealed matte tin over copper. It is compatible with
both lead-free (maximum 260
°C reflow temperature) and leaded (maximum 245 °C reflow temperature) soldering processes.
Outline Drawing
Mounting Configuration / Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Thermal Resistance, Rth
(1)
33
°C / W
Junction Temperature, Tj
(2)
151
°C
Notes:
1. The thermal resistance is referenced from the hottest part of the junction to the backside paddle.
2. This corresponds to the typical biasing condition of +5V, 400 mA at an 85
°C case temperature. A minimum
MTTF of 1 million hours is achieved for junction temperatures below 247
° C.
Product Marking
The component will be lasermarked with a
“VG112-G” designator with an alphanumeric
lot code on the top surface of the package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
1000V to <2000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 2 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Pin No
Function
1
Vbias1
5
Gain Control
11
RF Input
19
Vbias2
23, 25
RF Output / Vcc2
27
Vcc1
Even numbered pins and
backside paddle
Ground
3, 7, 9, 13,
15, 17, 21
No connect or
ground
8
9
10
11
12
13
14
7
6
5
4
3
2
1
15
16
17
18
19
20
21
GND
Vcc1
GND
RF OUT /
Vcc2
GND
GND
GND
GND
GND
RF IN
GND
GND
GND
Variable
Attenuator
Amp
28
27
26
25
24
23
22
RF OUT /
Vcc2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com