Electronic Components Datasheet Search
  English  ▼

X  

SCG015B Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # SCG015B
Description  1/4 Watt, High Linearity InGaP HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

SCG015B Datasheet(HTML) 3 Page - WJ Communication. Inc.

  SCG015B Datasheet HTML 1Page - WJ Communication. Inc. SCG015B Datasheet HTML 2Page - WJ Communication. Inc. SCG015B Datasheet HTML 3Page - WJ Communication. Inc. SCG015B Datasheet HTML 4Page - WJ Communication. Inc. SCG015B Datasheet HTML 5Page - WJ Communication. Inc. SCG015B Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 6
June 2005 Rev. 1
SCG015
¼ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
1960 MHz Application Circuit (SCG015B-PCB1960)
Typical RF Performance at 25
°C
∗ Please see note 2 on page 1.
IND
ID=L3
L=3.3 nH
RES
ID=R3
R=220 Ohm
CAP
ID=C4
C=56 pF
CAP
ID=C5
C=56 pF
CAP
ID=C1
C=56 pF
IND
ID=L2
L=15 nH
RES
ID=R1
R=30 Ohm
IND
ID=L1
L=15 nH
CAP
ID=C2
C=1000 pF
CAP
CAP
ID=C6
C=56 pF
RES
ID=R4
R=22 Ohm
DIODE1
ID=D1
CAP
ID=C8
C=1.2 pF
CAP
ID=C7
C=1.2 pF
RES
ID=R2
R=390 Ohm
SUBCKT
NET="SCG015"
PORT
P=2
Z=50 Ohm
PORT
P=1
Z=50 Ohm
+8 V
ID=C3
C=.1uF
a system using a DC regulator.
boards. It is not specifically required in the final circuit layout in
The diode D1 is used as over-voltage protection on the evaluation
8.2 v
Ssg, OIP3 & P1dB vs.
Temperature @ 1.96GHz
10
12
14
16
18
20
22
24
26
-40
-15
10
35
60
85
Temperature (°C)
36
37
38
39
40
41
42
43
44
Gain
P1dB
OIP3
ACPR1 vs. Pout
vs. Temperature at 1.96GHz
-70
-65
-60
-55
-50
-45
-40
11
13
15
17
Pout (dBm)
85°C
-40°C
25°C
2140 MHz Application Circuit (SCG015B-PCB2140)
Typical RF Performance at 25
°C
∗ Please see note 2 on page 1.
IND
ID=L3
L=3.3 nH
RES
ID=R3
R=220 Ohm
CAP
ID=C4
C=56 pF
CAP
ID=C5
C=56 pF
CAP
ID=C1
C=56 pF
IND
ID=L2
L=15 nH
RES
ID=R1
R=30 Ohm
IND
ID=L1
L=15 nH
CAP
ID=C2
C=1000 pF
CAP
CAP
ID=C6
C=56 pF
RES
ID=R4
R=22 Ohm
DIODE1
ID=D1
CAP
ID=C8
C=1 pF
CAP
ID=C7
C=.7 pF
RES
ID=R2
R=390 Ohm
SUBCKT
NET="SCG015"
PORT
P=2
Z=50 Ohm
PORT
P=1
Z=50 Ohm
+8 V
ID=C3
C=.1uF
a system using a DC regulator.
boards. It is not specifically required in the final circuit layout in
The diode D1 is used as over-voltage protection on the evaluation
8.2 v
Ssg, OIP3, & P1dB vs.
Temperature @ 2.14GHz
12
14
16
18
20
22
24
-40
-15
10
35
60
85
Temperature (°C)
36
37
38
39
40
41
42
Ssg
P1dB
OIP3
Frequency
1960 MHz
S21 – Gain
16.5 dB
S11 – Input Return Loss
-16 dB
S22 – Output Return Loss
-11 dB
Output P1dB
+24 dBm
Output IP3
∗
(+9 dBm / tone, 1 MHz spacing)
+40 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+17 dBm
Noise Figure
5 dB
Device Voltage
+5 V
Quiescent Current
100 mA
Frequency
2140 MHz
S21 – Gain
15 dB
S11 – Input Return Loss
-20 dB
S22 – Output Return Loss
-10 dB
Output P1dB
+24 dBm
Output IP3
∗
(+9 dBm / tone, 1 MHz spacing)
+40 dBm
Noise Figure
5 dB
Device Voltage
+5 V
Quiescent Current
100 mA
C7 placed at silkscreen marker ‘A” or center of component
placed at 3.9 deg. @ 1900 MHz away from pin 1.
C8 is placed at silkscreen
marker ‘7” or center of
component placed at 32 deg.
@ 1.9 GHz away from pin 3.
C7 placed at silkscreen marker ‘A” or center of
component placed at 4.4 deg. @ 2.14 GHz away
from pin 1.
C8 is placed at silkscreen marker ‘7” or
center of component placed at 37 deg. @
2.14 GHz away from pin 3.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com