Electronic Components Datasheet Search
  English  ▼

X  

ML501 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ML501
Description  1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ML501 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ML501 Datasheet HTML 1Page - WJ Communication. Inc. ML501 Datasheet HTML 2Page - WJ Communication. Inc. ML501 Datasheet HTML 3Page - WJ Communication. Inc. ML501 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4 June 2006
ML501
1.9–2.7 GHz High IP3 Mixer with Integrated LO Amp
Product Information
The Communications Edge
TM
Typical Downconversion Performance Plots
Performance using the circuitry on the ML501-PCB Evaluation Board
R1 is shown in the silkscreen but is not required for the ML501. A 0Ω jumper is placed in this spot on the PCB.
Conversion Loss vs RF Frequency vs IF Frequency
+25 °C, LO = 0 dBm, low-side LO
5
6
7
8
9
10
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
IF=50MHz
IF=100MHz
IF=150MHz
IF=200MHz
IF=250MHz
IF=300MHz
Input IP3 vs RF Frequency vs IF Frequency
+25 °C, LO = 0 dBm, low-side LO
24
26
28
30
32
34
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
IF=50MHz
IF=100MHz
IF=150MHz
IF=200MHz
IF=250MHz
IF=300MHz
Conversion Loss vs RF Frequency vs Temperature
LO = 0 dBm, IF = 50 MHz, low-side LO
5
6
7
8
9
10
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
Conversion Loss vs RF Frequency vs Temperature
LO = 0 dBm, IF = 150 MHz, low-side LO
5
6
7
8
9
10
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
Conversion Loss vs RF Frequency vs Temperature
LO = 0 dBm, IF = 250 MHz, low-side LO
5
6
7
8
9
10
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
-40 °C
+25 °C
+85 °C
Conversion Loss vs RF Frequency vs LO Power
+25 °C, IF = 50 MHz, low-side LO
5
6
7
8
9
10
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
LO = -3 dBm
LO = 0 dBm
LO = 3 dBm
Conversion Loss vs RF Frequency vs LO Power
+25 °C, IF = 150 MHz, low-side LO
5
6
7
8
9
10
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
LO = -3 dBm
LO = 0 dBm
LO = 3 dBm
Conversion Loss vs RF Frequency vs LO Power
+25 °C, IF = 250 MHz, low-side LO
5
6
7
8
9
10
1800
1900
2000
2100
2200
2300
RF Frequency (MHz)
LO = -3 dBm
LO = 0 dBm
LO = 3 dBm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com