Electronic Components Datasheet Search
  English  ▼

X  

VG025-PCB2000 Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # VG025-PCB2000
Description  High Linearity Variable Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG025-PCB2000 Datasheet(HTML) 7 Page - WJ Communication. Inc.

  VG025-PCB2000 Datasheet HTML 1Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 2Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 3Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 4Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 5Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 6Page - WJ Communication. Inc. VG025-PCB2000 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 7
January 2006
VG025
High Linearity Variable Gain Amplifier
Product Information
The Communications Edge
TM
VG025-G Mechanical Information
This package is lead-free/RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded (maximum
245
°C reflow temperature) soldering processes. The plating material on the pins is annealed matte tin over copper.
Outline Drawing
Mounting Configuration / Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Thermal Resistance, Rth (1)
59
°C / W
Junction Temperature, Tjc (2)
129
°C
1. The thermal resistance is referenced from the hottest part of the
junction to the backside ground copper tab.
2. This corresponds to the typical biasing condition of +5V, 150 mA at
an 85
° C case temperature. A minimum MTTF of 1 million hours is
achieved for junction temperatures below 160
° C.
Product Marking
The component will be marked with a
“VG025-G” designator with an alphanumeric
lot code on the top surface of the package.
Tape and reel specifications for this part will be
located on the website in the “Application
Notes” section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes
500V to <1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
1000V to <2000V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL:
Level 2 @ 260 ˚C convection reflow
Standard:
JEDEC Standard J-STD-020
Functional Pin Layout
Function
Pin No
RF Input
4
Gain Control
8
Interstage Match
6, 10
RF Output / DC bias
12
No Connect or GND
All other pins
Ground
Backside slug
MTTF vs. GND Tab Temperature
1
10
100
1000
60
70
80
90
100
110
Tab Temperature (°C)
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
RF OUT
N/C
Interstage
Match
N/C
N/C
N/C
N/C
RF IN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com