Electronic Components Datasheet Search
  English  ▼

X  

HMJ7 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # HMJ7
Description  High Dynamic Range FET Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

HMJ7 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  HMJ7 Datasheet HTML 1Page - WJ Communication. Inc. HMJ7 Datasheet HTML 2Page - WJ Communication. Inc. HMJ7 Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 3 January 2006
HMJ7
High Dynamic Range FET Mixer
Product Information
The Communications Edge TM
Outline Drawing
Dimensions are expressed in Inches.
TOLERANCE .XXX [ .015 .XX [ .02
Drawing is illustrated at Max dimensions.
Land Pattern / Mounting Configuration
Product Marking
The component will be marked with an
“HMJ7” designator with a date code XXYY
where XX refers to last two digits of the year
and YY refers to week number within that year.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
ESD Information
ESD Rating:
Class 2
Value:
Passes at 2000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating:
Class IV
Value:
Passes at 2000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Mounting Config. Notes
1. Ground vias are critical for thermal and RF grounding
considerations.
2. A minimum of 36 ground vias are required for 14 mil
FR4 boards.
3. If your PCB design rules allow, ground vias should be
placed under the land pattern for better RF performance.
Otherwise ground vias should be placed as close to the
land pattern as possible.
4.
Trace width depends on the PCB material.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com