Electronic Components Datasheet Search
  English  ▼

X  

HMJ5-PCB Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # HMJ5-PCB
Description  High Dynamic Range FET Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

HMJ5-PCB Datasheet(HTML) 1 Page - WJ Communication. Inc.

  HMJ5-PCB Datasheet HTML 1Page - WJ Communication. Inc. HMJ5-PCB Datasheet HTML 2Page - WJ Communication. Inc. HMJ5-PCB Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 1 of 3 March 2006
HMJ5
High Dynamic Range FET Mixer
Product Information
The Communications Edge TM
Product Features
x +35 dBm IIP3
x No external matching element
Required
x RF 40 - 1000 MHz
x LO 30 - 900 MHz
x IF 5 - 250 MHz
x +17 dBm LO Drive Level
x +3V at 35mA DC Power Supply
x Low Cost Surface Mount J-Lead
Package
Product Description
The HMJ5 is a high dynamic range GaAs FET
mixer. This active FET mixer realizes a typical
third order intercept point of +35 dBm at an LO
drive level of +17 dBm. The HMJ5 comes in a
low cost, J-Lead package. Typical applications
include
frequency
up/down
conversion,
modulation and demodulation for receivers and
transmitters used in communications systems.
Functional Diagram
Function
Pin No.
IF
2
LO
13
RF
21
+3V
10
Ground
All other pins
Specifications (1)
Parameter
Units
Min
Typ
Max
Condition
RF Frequency Range
MHz
40 – 1000
LO Frequency Range
MHz
30 – 900
IF Frequency Range
MHz
5 – 250
SSB Conversion Loss
dB
7.5
9.0
Noise Figure
dB
9.5
LO-RF Isolation
dB
20
28
LO-IF Isolation
dB
24
30
Input IP3
dBm
31
35
RF = 900 MHz @ 0 dBm
RF Return Loss
dB
11.7
LO Return Loss
dB
6.0
IF Return Loss
dB
10.9
Input P1dB
dBm
+23
LO Drive Level
dBm
+17
DC Current at +3V Bias
mA
35
60
Notes:
1. Test conditions unless otherwise noted: 25 ºC, RF = 905 MHz @ -10 dBm, LO = 900MHz @ +17 dBm, IF = 5 MHz.
2. Measured in a 50-Ohm system with nominal LO drive in a downconverter application only, unless otherwise specified.
3. LO frequency must be separated from IF frequency by a minimum of 2 MHz (i.e., | FLO –FIF |
Absolute Maximum Rating
Ordering Information
Parameters
Rating
Part No.
Description
Operating Case Temperature
-40 to +85
qC
HMJ5
High Dynamic Range FET Mixer
Storage Temperature
-65 to +100
qC
HMJ5-PCB
Fully Assembled Application Circuit
Maximum Input Power
+25 dBm
Operation of this device above any of these parameters may cause permanent damage.
Total sum of LO port and RF port power should not exceed 25 dBm.
IF
RF
LO
+3Vdc


Similar Part No. - HMJ5-PCB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMJ EATON-HMJ Datasheet
742Kb / 1P
1/4" x various length and SFE in-line fuse holder
HMJ EATON-HMJ Datasheet
271Kb / 1P
Automotive fast-acting glass fuse
logo
List of Unclassifed Man...
HMJ1 ETC1-HMJ1 Datasheet
222Kb / 3P
High Dynamic Range FET Mixer
logo
WJ Communication. Inc.
HMJ1 WJCI-HMJ1 Datasheet
225Kb / 3P
High Dynamic Range FET Mixer
logo
List of Unclassifed Man...
HMJ1-PCB ETC1-HMJ1-PCB Datasheet
222Kb / 3P
High Dynamic Range FET Mixer
More results

Similar Description - HMJ5-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMJ1 ETC1-HMJ1 Datasheet
222Kb / 3P
High Dynamic Range FET Mixer
HMJ2 ETC1-HMJ2 Datasheet
53Kb / 4P
High Dynamic Range FET Mixer
HMJ4 ETC1-HMJ4 Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
logo
WJ Communication. Inc.
HMJ8 WJCI-HMJ8 Datasheet
54Kb / 4P
High Dynamic Range FET Mixer
HMJ7-1 WJCI-HMJ7-1 Datasheet
263Kb / 3P
High Dynamic Range FET Mixer
HMJ7 WJCI-HMJ7 Datasheet
262Kb / 3P
High Dynamic Range FET Mixer
HMJ1 WJCI-HMJ1 Datasheet
225Kb / 3P
High Dynamic Range FET Mixer
HMJ2 WJCI-HMJ2 Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
HMJ4 WJCI-HMJ4 Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
HMJ8 WJCI-HMJ8_07 Datasheet
439Kb / 3P
High Dynamic Range FET Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com