Electronic Components Datasheet Search
  English  ▼

X  

SD56150 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SD56150
Description  HF to 2000 MHz Class AB Common Source - PowerSO-10RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD56150 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SD56150 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD56150 Datasheet HTML 2Page - List of Unclassifed Manufacturers SD56150 Datasheet HTML 3Page - List of Unclassifed Manufacturers SD56150 Datasheet HTML 4Page - List of Unclassifed Manufacturers SD56150 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bipolar HF
2 to 30MHz class AB linear, common emitter, HF / SSB
Part number
Freq.
[MHz]
Pout
[W]
Gain (typ)
[dB]
VCC
[V]
Class
Rth(j-c)
[°C/W]
IMD
[dB]
Package
M177
Bipolar VHF and UHF
27 to 512MHz class C, common emitter
Part number
Freq.
[MHz]
Pout
[W]
Gain
[dB]
VCC
[V]
Class
Rth(j-c)
[°C/W]
Package
M174
M113
M122
M135
SD1726
30
150
14
50
AB
0.75
-30
M174
SD1727
30
150
14
50
AB
0.75
-30
M164
SD1731
30
220
13
50
AB
0.55
-30
M174
SD1728
30
250
14.5
50
AB
0.4
-30
M177
SD1446
50
70
10
12.5
C
1.05
M113
SD1405
50
100
7
12.5
C
0.65
M174
SD1274
160
30
10
13.6
C
1.2
M135
SD1274-01
160
30
10
13.6
C
1.2
M113
SD1275
160
40
9
13.6
C
1.2
M135
SD1275-01
160
40
9
13.6
C
1.2
M113
SD1433
470
10
7
12.5
C
3
M122
SD1488
470
38
5.8
12.5
C
1.5
M111
DB-960-60W#
PD57070S 925 to 960
Cellular repeater
60
26
51 to 56
13.4
DB-900-60W#
PD57070S 869 to 894
Cellular repeater
60
26
48 to 55
14.3
DB-57070S-930
PD57070S 900 to 930
Repeater
60
28
>50
>14
DB-960-70W#
PD57045S 925 to 960
Cellular repeater
70
26
50 to 52
13.3
DB-900-80W#
PD57045S 869 to 894
Cellular repeater
80
26
50 to 54
14.1
DB-960-90W#
PD57060S 925 to 960
Cellular repeater
90
26
45 to 48
12.8
DB-900-100W#
PD57060S 869 to 894
Cellular repeater
100
26
42 to 47
13.8
DB-56120-520#
SD56120 400 to 520
PMR BTS +
UHF radar
>120
30
50 to 60
14
DB-57060S-526
PD57060S 486 to 526
UHF TV repeater
40 PEP
26
33 to 39
15.5
Demoboard
Device
Frequency
[MHz]
Application
Pout
[W]
VDD
[V]
Efficiency
[%]
Gain
[dB]
Demoboards - Cellular/TV repeaters
M164
# Only read & record data + gerber files are available



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com