Electronic Components Datasheet Search
  English  ▼

X  

RUT200000000 Datasheet(PDF) 5 Page - TELTONIKA NETWORKS.

Part # RUT200000000
Description  RUT200
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.

RUT200000000 Datasheet(HTML) 5 Page - TELTONIKA NETWORKS.

  RUT200000000 Datasheet HTML 1Page - TELTONIKA NETWORKS. RUT200000000 Datasheet HTML 2Page - TELTONIKA NETWORKS. RUT200000000 Datasheet HTML 3Page - TELTONIKA NETWORKS. RUT200000000 Datasheet HTML 4Page - TELTONIKA NETWORKS. RUT200000000 Datasheet HTML 5Page - TELTONIKA NETWORKS. RUT200000000 Datasheet HTML 6Page - TELTONIKA NETWORKS. RUT200000000 Datasheet HTML 7Page - TELTONIKA NETWORKS. RUT200000000 Datasheet HTML 8Page - TELTONIKA NETWORKS. RUT200000000 Datasheet HTML 9Page - TELTONIKA NETWORKS. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
SYSTEM CHARACTERISTICS
FIRMWARE / CONFIGURATION
FIRMWARE CUSTOMIZATION
POWER
PHYSICAL INTERFACES (PORTS, LEDS, ANTENNAS, BUTTONS, SIM)
Mediatek, MT7628, 580 MHz
CPU
128 MB, DDR2
16 MB, SPI Flash
RAM
FLASH storage
Update FW from file, check FW on server, configuration profiles, configuration backup, restore point
WEB UI
Update FW/configuration from server
Update FW/configuration for multiple devices
FOTA
RMS
Update FW without losing current configuration
Keep settings
RutOS (OpenWrt based Linux OS)
Operating system
Busybox shell, Lua, C, C++
SDK package with built environment provided
Supported languages
Development tools
4 pin industrial DC power socket
Connector
9 – 30 VDC, reverse polarity protection, surge protection >33 VDC 10us max
Passive PoE over spare pairs (available from HW revision 0007 and batch number 0010). Possibility to power up through LAN
port, not compatible with IEEE802.3af, 802.3at and 802.3bt
Input voltage range
PoE (passive)
< 6.5 W Max
Power consumption
2 x RJ45 ports, 10/100 Mbps
Ethernet
1 x Digital Input, 1 x Digital Output on 4 pin power connector
3 x Connection type status LEDs, 5 x Connection strength LEDs, 2 x LAN status LEDs, 1 x Power LED
I/Os
Status LEDs
1 x SIM slot (Mini SIM – 2FF), 1.8 V/3 V, external SIM holder
SIM
1 x 4 pin DC connector
2 x SMA for LTE, 1 x RP-SMA for WiFi antenna connectors
Power
Antennas
Reboot/Factory reset button
Reset
PHYSICAL SPECIFICATION
OPERATING ENVIRONMENT
Aluminium housing with DIN rail mounting option, plastic panels
83 x 25 x 74 mm
125 g
Casing material
Dimensions (W x H x D)
-40 C to 75 C
10 % to 90 % non-condensing
Operating temperature
Operating humidity
Bottom and sideways DIN rail mounting slots
Weight
Mounting options
IP30
Ingress Protection Rating
REGULATORY & TYPE APPROVALS
CE/RED, CB
Regulatory
INPUT/OUTPUT
1 x Digital input, 0 - 5 V detected as logic low, 8 - 30 V detected as logic high
Input
1 x Digital open collector output, max output 30 V, 300 mA
SMS, EMAIL, RMS
Output
Events
DATASHEET // RUT200
Copyright © 2023, TELTONIKA NETWORKS. Specifications and information given in this document are subject to change by TELTONIKA NETWORKS without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com